Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128 Datasheet(PDF) 44 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 Datasheet(HTML) 44 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 40Page - Texas Instruments UCD3138128 Datasheet HTML 41Page - Texas Instruments UCD3138128 Datasheet HTML 42Page - Texas Instruments UCD3138128 Datasheet HTML 43Page - Texas Instruments UCD3138128 Datasheet HTML 44Page - Texas Instruments UCD3138128 Datasheet HTML 45Page - Texas Instruments UCD3138128 Datasheet HTML 46Page - Texas Instruments UCD3138128 Datasheet HTML 47Page - Texas Instruments UCD3138128 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
ADC 12
Temperature
Calibration
Temperature
Sensor
CH15
44
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
9.3.13 Temperature Sensor Control
Temperature sensor control register provides internal temperature sensor enabling and trimming capabilities. The
internal temperature sensor is disabled by default.
Figure 27. Internal Temp Sensor
Temperature sensor is calibrated at room temperature (25 °C) via a calibration register value.
The temperature sensor is measured using ADC12 (via Ch15). The temperature is then calculated using a
mathematical formula involving the calibration register (this effectively adds a delta to the ADC measurement).
The temperature sensor can be enabled or disabled.
9.3.14 I/O Mux Control
I/O Mux Control register may be used in order to choose a single specific functionality that is desired to be
assigned to a physical device pin for your application. See the UCD3138x programmer's manual for details on
the available configurations.
9.3.15 Current Sharing Control
UCD3138x provides three separate modes of current sharing operation.
•
Analog bus current sharing
•
PWM bus current sharing
•
Master/Slave current sharing
•
AD02 has a special ESD protection mechanism that prevents the pin from pulling down the current-share bus
if power is missing from the UCD3138x
The simplified current sharing circuitry is shown in the drawing below. The digital pulse connected to SW3
transforms SW3 into a pulse-width-modulated current source. Details on the frequency and resolution of this
feature are in the digital power fusion peripherals manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com