Electronic Components Datasheet Search
  English  ▼

X  

UCD3138128 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCD3138128
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138128 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138128 Datasheet HTML 3Page - Texas Instruments UCD3138128 Datasheet HTML 4Page - Texas Instruments UCD3138128 Datasheet HTML 5Page - Texas Instruments UCD3138128 Datasheet HTML 6Page - Texas Instruments UCD3138128 Datasheet HTML 7Page - Texas Instruments UCD3138128 Datasheet HTML 8Page - Texas Instruments UCD3138128 Datasheet HTML 9Page - Texas Instruments UCD3138128 Datasheet HTML 10Page - Texas Instruments UCD3138128 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
7
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
6 Product Feature Overview
FEATURE
UCD3138x 80 PIN
ARM7TDMI-S Core Processor
31.25 MHz
High Resolution DPWM Outputs (250ps Resolution)
8
Number of High Speed Independent Feedback Loops (# Regulated Output Voltages)
3
12-bit, 267ksps, General Purpose ADC Channels
15
Digital Comparators at ADC Outputs
4
Flash Memory (Program) (UCD3138A64)
64 kB
Flash Memory (Program) (UCD3138128)
128 kB
Flash Memory (Data)
2 kB
Flash Security
√
RAM
8 kB
DPWM Switching Frequency
up to 2 MHz
Programmable Fault Inputs
4
High Speed Analog Comparators with Cycle-by-Cycle Current Limiting
7
UART (SCI)
2
PMBus
1
I2C
1
SPI
1
Timers
4 (16 bit) and 2 (24 bit)
Timer PWM Outputs
4
Timer Capture Inputs
2
Watchdog
√
On Chip Oscillator
√
Power-On Reset and Brown-Out Detector
√
Sync IN and Sync OUT Functions
√
Total GPIO (includes all pins with multiplexed functions such as, DPWM, Fault Inputs, SCI, etc.)
43
External Interrupts
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com