Electronic Components Datasheet Search
  English  ▼

X  

UCD3138A64 Datasheet(PDF) 41 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 41 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 37Page - Texas Instruments UCD3138A64 Datasheet HTML 38Page - Texas Instruments UCD3138A64 Datasheet HTML 39Page - Texas Instruments UCD3138A64 Datasheet HTML 40Page - Texas Instruments UCD3138A64 Datasheet HTML 41Page - Texas Instruments UCD3138A64 Datasheet HTML 42Page - Texas Instruments UCD3138A64 Datasheet HTML 43Page - Texas Instruments UCD3138A64 Datasheet HTML 44Page - Texas Instruments UCD3138A64 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
41
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
The two capture pins TCAP0 and TCAP1 are inputs for recording a capture event. A capture event can be set
either to rising, falling, or both edges of the capture pin signal. Upon this event, the counter value is stored in the
corresponding capture data register. Five Interrupts from the 24 bit timer can be set, which are the counter
rollover event (overflow), capture events 0 and 1, and the two comparison match events. Each interrupt can be
disabled or enabled.
9.3.8.2 16-Bit PWM Timers
There are four 16 bit counter PWM timers which run off the Interface Clock and can further be divided down by a
8-bit pre-scaler to generate slower PWM time periods. Each timer has two compare registers (Data Registers) for
generating the PWM set/unset events. Additionally, each timer has a shadow register (Data Buffer register)
which can be used to store CPU updates of compare events while still using the timer. The selected shadow
register update mode happens after the compare event matches.
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by a software
controlled register. Interrupts from the PWM timer can be set due to the counter rollover event (overflow) or by
the two comparison match events. Each comparison match and the overflow interrupts can be disabled or
enabled.
Upon an event comparison, the PWM pin can be configured to set, clear, toggle or have no action at the output.
The value of PWM pin output can be read for status or simply configured as General Purpose I/O for reading the
value of the input at the pin.
9.3.8.3 Watchdog Timer
A watchdog timer is provided on the device for ensuring proper firmware loop execution. The timer is clocked off
of a separate low speed oscillator source. If the timer is allowed to expire, a reset condition is issued to the ARM
processor. The watchdog is reset by a simple CPU write bit to the watchdog key register by the firmware routine.
On device power-up the watchdog is disabled. Yet after it is enabled, the watchdog cannot be disabled by
firmware. Only a device reset can put this bit back to the default disabled state. A half timer flag is also provided
for status monitoring of the watchdog.
9.3.9 General Purpose ADC12
The ADC12 is a 12 bit, high speed analog to digital converter, equipped with the following options:
•
Typical conversion speed of 267 ksps
•
Conversions can consist from 1 to 16 ADC channel conversions in any desired sequence
•
Post conversion averaging capability, ranging from 4X, 8X, 16X or 32X samples
•
Configurable triggering for ADC conversions from the following sources: firmware, DPWM rising edge,
ADC_EXT_TRIG pin or Analog Comparator results
•
Interrupt capability to embedded processor at completion of ADC conversion
•
Six digital comparators on the first 6 channels of the conversion sequence using either raw ADC data or
averaged ADC data
•
Two 10 µA current sources for excitation of PMBus addressing resistors
•
Dual sample and hold for accurate power measurement
•
Internal temperature sensor for temperature protection and monitoring
The control module (ADC12 Contol Block Diagram) contains the control and conversion logic for auto-
sequencing a series of conversions. The sequencing is fully configurable for any combination of 16 possible ADC
channels through an analog multiplexer embedded in the ADC12 block. Once converted, the selected channel
value is stored in the result register associated with the sequence number. Input channels can be sampled in any
desired order or programmed to repeat conversions on the same channel multiple times during a conversion
sequence. Selected channel conversions are also stored in the result registers in order of conversion, where the
result 0 register is the first conversion of a 16-channel sequence and result 15 register is the last conversion of a
16-channel sequence. The number of channels converted in a sequence can vary from 1 to 16.
Unlike EADC0 through EADC2, which are primarily designed for closing high speed compensation loops, the
ADC12 is not usually used for loop compensation purposes. The EADC converters have a substantially faster
conversion rate, thus making them more attractive for closed loop control. The ADC12 features make it best
suited for monitoring and detection of currents, voltages, temperatures and faults. Please see the Typical
Characteristics plots for the temperature variation associated with this function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com