| Electronic Components Datasheet Search |
|
UCD3138A64 Datasheet(PDF) 47 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138A64 Datasheet(HTML) 47 Page - Texas Instruments |
|
47 / 84 page ![]() Start of Period Period Counter Start of Period Period DPWM Output A Cycle Adjust A (High Resolution) Filter Duty (High Resolution) Event 1 Event 3 – Event 2 (High Res) Event 4 (High Res) DPWM Output B Blanking B Begin Blanking B End Phase Trigger Sample Trigger 2 To Other Modules Normal Mode Closed Loop Events which change with DPWM mode: DPWM A Rising Edge = Event 1 DPWM A Falling Edge = Event 1 + Filter Duty + Cycle Adjust A Adaptive Sample Trigger A = Event 1 + Filter Duty + Adaptive Sample Register or Adaptive Sample Trigger B = Event 1 + Filter Duty/2 + Adaptive Sample Register DPWM B Rising Edge = Event 1 + Filter Duty + Cycle Adjust A + (Event 3 – Event 2) DPWM B Falling Edge = Event 4 Phase Trigger = Phase Trigger Register value or Filter Duty Events always set by their registers, regardless of mode: Sample Trigger 1, Sample Trigger 2, Blanking A Begin , Blanking A End , Blanking B Begin, Blanking B End Filter controlled edge Sample Trigger 1 Blanking A Begin Blanking A End To Other Modules Adaptive Sample Trigger A Adaptive Sample Trigger B 47 UCD3138128, UCD3138A64 www.ti.com SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017 Product Folder Links: UCD3138128 UCD3138A64 Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated Device Functional Modes (continued) Figure 29. Normal Mode - Closed Loop Cycle adjust A can be used to adjust pulse widths on individual phases of a multi-phase system. This can be used for functions like current balancing. The Adaptive Sample Triggers can be used to sample in the middle of the on-time (for an average output), or at the end of the on-time (to minimize phase delay) The Adaptive Sample Register provides an offset from the center of the on-time. This can compensate for external delays, such as MOSFET and gate driver turn on times. Blanking A-Begin and Blanking A-End can be used to blank out noise from the MOSFET turn on at the beginning of the period (DPWMA rising edge). Blanking B could be used at the turn off time of DPWMB. The other edges are dynamic, so blanking is more difficult. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |