Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 16 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 16 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 145 page
background image
6.4 Thermal Information (1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PNP
θJA
Junction-to-free-air thermal
resistance
Low-K JEDEC test board, 1s (single signal layer), no air
flow
50.8
°C/W
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
24.9
θJC
Junction-to-case thermal resistance Cu cold plate measurement process
18.9
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
14.6
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.26
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
7.93
°C/W
TA
Operating ambient temperature
range
XIO2001PNP
0
70
°C
XIO2001IPNP
–40
85
TJ
Virtual junction temperature
XIO2001PNP
0
105
°C
XIO2001IPNP
–40
105
ZAJ
θJA
Junction-to-free-air thermal
resistance
Low-K JEDEC test board, 1s (single signal layer), no air
flow
82
°C/W
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
58.8
θJC
Junction-to-case thermal resistance Cu cold plate measurement process
19
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
32
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.5
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
30
°C/W
TA
Operating ambient temperature
range
XIO2001ZAJ
0
70
°C
XIO2001IZAJ
–40
85
TJ
Virtual junction temperature
XIO2001ZAJ
0
105
°C
XIO2001IZAJ
–40
105
ZWS
θJA
Junction-to-free-air thermal
resistance
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
36.2
°C/W
θJC
Junction-to-case thermal resistance Cu cold plate measurement process
18.3
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
20.3
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.4
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
20.1
°C/W
TA
Operating ambient temperature
range
XIO2001ZWS
0
70
°C
XIO2001IZWS
–40
85
TJ
Virtual junction temperature
XIO2001ZWS
0
105
°C
XIO2001IZWS
–40
105
(1)
For more details, refer to TI application note IC Package Thermal Metrics (SPRA953).
6.5 Nominal Power Consumption
DEVICES
POWER STATE(1)
VOLTS
AMPERES
WATTS
No downstream PCI devices
D0 idle
1.5
0.147
0.221
3.3
0.062
0.205
TOTALS:
0.209
0.426
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com