Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 31 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 31 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 27Page - Texas Instruments XIO2001 Datasheet HTML 28Page - Texas Instruments XIO2001 Datasheet HTML 29Page - Texas Instruments XIO2001 Datasheet HTML 30Page - Texas Instruments XIO2001 Datasheet HTML 31Page - Texas Instruments XIO2001 Datasheet HTML 32Page - Texas Instruments XIO2001 Datasheet HTML 33Page - Texas Instruments XIO2001 Datasheet HTML 34Page - Texas Instruments XIO2001 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 145 page
background image
All supported message transactions are processed per the PCI Express Base Specification.
8.3.3 PCI Port Arbitration
The internal PCI port arbitration logic supports up to six external PCI bus devices plus the bridge. This bridge
supports a classic PCI arbiter.
8.3.3.1 Classic PCI Arbiter
The classic PCI arbiter is configured through the classic PCI configuration space at offset DCh. Table 8-5
identifies and describes the registers associated with classic PCI arbitration mode.
Table 8-5. Classic PCI Arbiter Registers
PCI OFFSET
REGISTER NAME
DESCRIPTION
Classic PCI configuration
register DCh
Arbiter control
(see Section 8.4.70)
Contains a two-tier priority scheme for the bridge and six PCI bus devices. The
bridge defaults to the high priority tier. The six PCI bus devices default to the low
priority tier. A bus parking control bit (bit 7, PARK) is provided.
Classic PCI configuration
register DDh
Arbiter request mask
(see Section 8.4.71)
Six mask bits provide individual control to block each PCI Bus REQ input. Bit 7
(ARB_TIMEOUT) in the arbiter request mask register enables generating timeout
status if a PCI device does not respond within 16 PCI bus clocks. Bit 6
(AUTO_MASK) in the arbiter request mask register automatically masks a PCI bus
REQ if the device does not respond after GNT is issued. The AUTO_MASK bit is
cleared to disable any automatically generated mask.
Classic PCI configuration
register DEh
Arbiter time-out status
(see Section 8.4.72)
When bit 7 (ARB_TIMEOUT) in the arbiter request mask register is asserted, timeout
status for each PCI bus device is reported in this register.
8.3.4 Configuration Register Translation
PCI Express configuration register transactions received by the bridge are decoded based on the transaction’s
destination ID. These configuration transactions can be broken into three subcategories: type 0 transactions,
type 1 transactions that target the secondary bus, and type 1 transactions that target a downstream bus other
than the secondary bus.
PCI Express type 0 configuration register transactions always target the configuration space and are never
passed on to the secondary interface.
Type 1 configuration register transactions that target a device on the secondary bus are converted to type 0
configuration register transactions on the PCI bus. Figure 8-1 shows the address phase of a type 0 configuration
transaction on the PCI bus as defined by the PCI specification.
Figure 8-1. Type 0 Configuration Transaction Address Phase Encoding
In addition, the bridge converts the destination ID device number to one of the AD[31:16] lines as the IDSEL
signal. The implemented IDSEL signal mapping is shown in Table 8-6.
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com