Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 130 Page - Texas Instruments

Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001 Datasheet(HTML) 130 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments XIO2001 Datasheet HTML 128Page - Texas Instruments XIO2001 Datasheet HTML 129Page - Texas Instruments XIO2001 Datasheet HTML 130Page - Texas Instruments XIO2001 Datasheet HTML 131Page - Texas Instruments XIO2001 Datasheet HTML 132Page - Texas Instruments XIO2001 Datasheet HTML 133Page - Texas Instruments XIO2001 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 145 page
background image
10 Device and Documentation Support
10.1 Documents Conventions
Throughout this data manual, several conventions are used to convey information. These conventions are listed
below:
1. To identify a binary number or field, a lower case b follows the numbers. For example: 000b is a 3-bit binary
field.
2. To identify a hexadecimal number or field, a lower case h follows the numbers. For example: 8AFh is a 12-bit
hexadecimal field.
3. All other numbers that appear in this document that do not have either a b or h following the number are
assumed to be decimal format.
4. If the signal or terminal name has a bar above the name (for example, GRST), then this indicates the logical
NOT function. When asserted, this signal is a logic low, 0, or 0b.
5. Differential signal names end with P, N, +, or – designators. The P or + designators signify the positive signal
associated with the differential pair. The N or – designators signify the negative signal associated with the
differential pair.
6. RSVD indicates that the referenced item is reserved.
7. In Sections 4 through 6, the configuration space for the bridge is defined. For each register bit, the software
access method is identified in an access column. The legend for this access column includes the following
entries:
• r – read access by software
• u – updates by the bridge internal hardware
• w – write access by software
• c – clear an asserted bit with a write-back of 1b by software. Write of zero to the field has no effect
• s – the field may be set by a write of one. Write of zero to the field has no effect
• na – not accessible or not applicable
10.1.1 XIO2001 Definition
ACRONYM
DEFINTION
BIST
Built-in self test
ECRC
End-to-end cyclic redundancy code
EEPROM
Electrically erasable programmable read-only memory
GP
General purpose
GPIO
General-purpose input output
ID
Identification
IF
Interface
IO
Input output
I2C
Intelligent Interface Controller
LPM
Link power management
LSB
Least significant bit
MSB
Most significant bit
MSI
Message signaled interrupts
PCI
Peripheral component interface
PME
PCI power management event
RX
Receive
SCL
Serial-bus clock
SDA
Serial-bus data
TC
Traffic class
TLP
Transaction layer packet or protocol
TX
Transmit
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
130
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com