Electronic Components Datasheet Search
  English  ▼

X  

1104841 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1104841
Description  PSR-M-CABLE50 - Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1104841 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1104841 Datasheet HTML 1Page - PHOENIX CONTACT 1104841 Datasheet HTML 2Page - PHOENIX CONTACT 1104841 Datasheet HTML 3Page - PHOENIX CONTACT 1104841 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Connection cable for TBUS extension in connection with PSR-M-TBUS1 or PSR-M-TBUS2,
50 m
Commercial data
Item number
1104841
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
DN02
Product key
DNA366
GTIN
4055626971254
Weight per piece (including packing)
4,716 g
Weight per piece (excluding packing)
4,716 g
Customs tariff number
85444995
Country of origin
IT
PSR-M-CABLE50 - Cable
1104841
https://www.phoenixcontact.com/us/products/1104841
Nov 11, 2025, 12:14AM
Page 1 (4)


Similar Part No. - 1104841

ManufacturerPart #DatasheetDescription
logo
Heyco.
11048 HEYCO-11048 Datasheet
130Kb / 1P
PVC and Nylon LED Spacers
logo
PHOENIX CONTACT
1104834 PHOENIX-1104834 Datasheet
179Kb / 4P
PSR-M-CABLE100 - Cable
1104855 PHOENIX-1104855 Datasheet
180Kb / 4P
PSR-M-CABLE25 - Cable
1104856 PHOENIX-1104856 Datasheet
111Kb / 8P
Extension module - PSR-M-EF4-SDO4-DO4-SC
1104868 PHOENIX-1104868 Datasheet
111Kb / 8P
Extension module - PSR-M-EF4-SDO4-DO4-PI
More results

Similar Description - 1104841

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2904950 PHOENIX-2904950 Datasheet
379Kb / 21P
PSR-MS20 / PSR-MS25
1105142 PHOENIX-1105142 Datasheet
50Kb / 2P
Configuration memory - PSR-M-MEMORY
1105095 PHOENIX-1105095 Datasheet
99Kb / 6P
Extension module - PSR-M-TBUS1-SC
1105096 PHOENIX-1105096 Datasheet
100Kb / 6P
Extension module - PSR-M-TBUS1-PI
1105097 PHOENIX-1105097 Datasheet
103Kb / 6P
Extension module - PSR-M-TBUS2-SC
1105098 PHOENIX-1105098 Datasheet
103Kb / 6P
Extension module - PSR-M-TBUS2-PI
1105093 PHOENIX-1105093 Datasheet
341Kb / 7P
Extension module - PSR-M-EM7-SINCOS2-PI
1104888 PHOENIX-1104888 Datasheet
352Kb / 7P
Extension module - PSR-M-EF2-SDI16-SC
1105011 PHOENIX-1105011 Datasheet
342Kb / 7P
Extension module - PSR-M-EM4-SINCOS1-SC
1105015 PHOENIX-1105015 Datasheet
342Kb / 7P
Extension module - PSR-M-EM5-TTL2-PI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com