Electronic Components Datasheet Search
  English  ▼

X  

1104841 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1104841
Description  PSR-M-CABLE50 - Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1104841 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1104841 Datasheet HTML 1Page - PHOENIX CONTACT 1104841 Datasheet HTML 2Page - PHOENIX CONTACT 1104841 Datasheet HTML 3Page - PHOENIX CONTACT 1104841 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Notes
Note on application
Note on application
Only for industrial use
Product properties
Product type
Adapter cable
Electrical properties
Impedance
nom. 120 Ω
Dimensions
External dimensions
External diameter max.
9.00 mm
Material specifications
Outer sheath, material
PVC
Cable/line
Cable length
50 m
Cable structure
2 x 2 x 24 AWG
External cable diameter
8.70 mm
Outer sheath, material
PVC
External sheath, color
yellow
Shielding
Braided copper wires
Cable resistance
< 95 mΩ/m
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-30 °C ... 60 °C
PSR-M-CABLE50 - Cable
1104841
https://www.phoenixcontact.com/us/products/1104841
Nov 11, 2025, 12:14AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com