Electronic Components Datasheet Search
  English  ▼

X  

TDP142 Datasheet(PDF) 25 Page - Texas Instruments

Part # TDP142
Description  TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TDP142 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TDP142 Datasheet HTML 21Page - Texas Instruments TDP142 Datasheet HTML 22Page - Texas Instruments TDP142 Datasheet HTML 23Page - Texas Instruments TDP142 Datasheet HTML 24Page - Texas Instruments TDP142 Datasheet HTML 25Page - Texas Instruments TDP142 Datasheet HTML 26Page - Texas Instruments TDP142 Datasheet HTML 27Page - Texas Instruments TDP142 Datasheet HTML 28Page - Texas Instruments TDP142 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Length of Trace (inch)
0
5
10
15
20
25
30
35
40
-30
-25
-20
-15
-10
-5
0
D009
6 mil Loss at 2.7 GHz
4 mil Loss at 2.7 GHz
6 mil Loss at 4.05 GHz
4 mil Loss at 4.05 GHz
25
TDP142
www.ti.com
SLLSEZ1C – SEPTEMBER 2017 – REVISED MAY 2019
Product Folder Links: TDP142
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
9.2.2.2 Detailed Design Procedure
The design procedure for Sink application is listed as follows:
•
Determine the loss profile on the DP input (C) and output (D) channels and cables. See Figure 20 for 6 mil
trace insertion loss.
•
Based upon the loss profile, determine the optimal configuration for the TDP142, to pass electrical
compliance.
•
See Figure 19 for information of Sink application on using the AC coupling capacitors, control pin resistors,
and for recommended decouple capacitors from VCC pins to ground.
–
AUX: AUXP has a 1 MΩ pull-up resistor and AUXN should have a 1 MΩ pull-down resistor. Theses 1 MΩ
resistors must be on the TDP142 side of the 100 nF capacitors.
–
HPDIN: The HPD signal should be routed to either pin 23 or pin 32 based on the GPIO/I2C mode. In that
way, the TDP142 will always be able to conserve power when a source is not connected.
Table 14. HPD GPIO/I2C Selection
MODE
HPD
GPIO (I2C_EN = 0)
Pin 32
I2C (I2C_EN != 0)
Pin 23
spacer
•
Configure the TDP142 using the GPIO terminals or the I2C interface:
–
GPIO – Using the terminals DPEQ0 and DPEQ1.
–
It is recommended to start a higher equalization value like 13 dB and 15 dB first and adjust the value if
necessary.
–
I2C - Refer to the I2C Register Maps and the Programming section for a detail configuration procedures.
•
The thermal pad must be connected to ground.
9.2.3 Application Curve
Figure 20. Insertion Loss of FR4 PCB Traces
10 Power Supply Recommendations
The TDP142 is designed to operate with a 3.3-V power supply. Levels above those listed in the Absolute
Maximum Ratings table should not be used. If using a higher voltage system power supply, a voltage regulator
can be used to step down to 3.3 V. Decoupling capacitors should be used to reduce noise and improve power
supply integrity. A 0.1-µF capacitor should be used on each power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com