Electronic Components Datasheet Search
  English  ▼

X  

THP210DR.B Datasheet(PDF) 23 Page - Texas Instruments

Part # THP210DR.B
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210DR.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button THP210DR.B Datasheet HTML 19Page - Texas Instruments THP210DR.B Datasheet HTML 20Page - Texas Instruments THP210DR.B Datasheet HTML 21Page - Texas Instruments THP210DR.B Datasheet HTML 22Page - Texas Instruments THP210DR.B Datasheet HTML 23Page - Texas Instruments THP210DR.B Datasheet HTML 24Page - Texas Instruments THP210DR.B Datasheet HTML 25Page - Texas Instruments THP210DR.B Datasheet HTML 26Page - Texas Instruments THP210DR.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Figure 9-5 and Figure 9-6 provide a graphical comparison of the described noise densities versus different
gain settings. Each of the contributors are separately showcased in the graphs. As expected, lower feedback
resistors (in this case, 2 kΩ) show that the dominant factor of the total output noise is the intrinsic voltage noise
of the FDA (at gains > 2). For smaller gain settings, the thermal noise of the feedback resistors is dominating.
Gai n (V /V)
1
10
í
í
í
eo
enRf
eni
in × Rf
0.1
100
í
RF = 2 kΩ
Figure 9-5. Calculated Noise Densities
vs Gain Settings
Gai n (V /V)
1
10
í
í
í
í
eo
enRf
eni
in × Rf
0.1
100
RF = 10 kΩ
Figure 9-6. Calculated Noise Densities
vs Gain Settings
The advancement of the THP210 can be seen at higher feedback resistors (in this case 10 kΩ). Many FDAs
exhibit an input current noise density in the range of some pA/√Hz that, in cases for higher feedback resistors,
dictate the noise behavior. As a result of the superior current noise density of 300 fA/√Hz of the THP210, the
overall output noise is mainly dominated by the thermal noise of the resistors (here, up to gains of approximately
15).
The total output voltage noise density is important when using FDAs as ADC input driver stages. To evaluate
the compatibility between the input driver and the ADC from a noise perspective, compare the calculated
RMS output noise of the FDA with the least-significant bit (LSB) of the desired ADC application, in respect to
the effective number of bits (ENOB). Section 9.2.2 shows measurements of the THP210 in combination with
state-of-the-art SAR ADCs, and indicates the performance that is achieved.
9.1.4 Mismatch of External Feedback Network
The common-mode rejection ratio (CMRR) is one of the key elements when designing with fully differential
amplifiers. Although FDAs are designed to provide the best CMRR performance, poor selection of external gain
setting resistors, as well as careless board layout techniques, significantly degrade CMRR performance.
In an ideal world, the resistors in a typical circuit, as shown in the test circuit Figure 7-1, are chosen to be
RF1 / RF2 = RI1/RI2. Mismatch between these ratios causes the differential output to depend on the input
common-mode voltage (VVOCM), and that in turn produces an offset and excess noise on the differential output.
As mentioned in the previous section, the mismatch of the external resistor network primarily contributes to the
dc error. Generally, a resistor mismatch of 0.1% and a ratio of 1 V/V results in a CMRR of 60 dB. The natural
degradation of the external resistor network is minimized by the following guidelines:
• Consider input impedance matching, as shown in the Input impedance matching with fully differential
amplifiers technical brief.
• Follow layout guidelines, as provided in Section 11.1.
• Use compensation techniques, as described in the Improving PSRR and CMRR in Fully Differential
Amplifiers application report
Despite the mismatch of the external feedback network, the internal common-mode feedback amplifier regulates
the outputs to remain balanced in amplitude and remain 180° out of phase. The output balance performance
stays unaffected by the CMRR degradation.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com