Electronic Components Datasheet Search
  English  ▼

X  

THP210DR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # THP210DR.B
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THP210DR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button THP210DR.B Datasheet HTML 3Page - Texas Instruments THP210DR.B Datasheet HTML 4Page - Texas Instruments THP210DR.B Datasheet HTML 5Page - Texas Instruments THP210DR.B Datasheet HTML 6Page - Texas Instruments THP210DR.B Datasheet HTML 7Page - Texas Instruments THP210DR.B Datasheet HTML 8Page - Texas Instruments THP210DR.B Datasheet HTML 9Page - Texas Instruments THP210DR.B Datasheet HTML 10Page - Texas Instruments THP210DR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS (dual supply) = ±1.5 V to ±18 V, VVOCM = VICM = 0 V, RF = 2 kΩ, RL = 10 kΩ(1) , gain = –1 V/V, VPD = VVS+,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT COMMON-MODE VOLTAGE
Small-signal bandwidth from
VOCM pin
VVOCM = 100 mVPP
2
MHz
Large-signal bandwidth from
VOCM pin
VVOCM = 0.6 VPP
5.7
Slew rate from VOCM pin
VVOCM = 0.5-V step, rising
4.2
V/µs
VVOCM = 0.5-V step, falling
5.5
DC output balance
VVOCM fixed midsupply (VO = ±1 V)
78
dB
VOCM Input voltage range
VS = ±2.5 V
VVS– + 1
VVS+ – 1
V
VS = ±18 V
VVS– + 2
VVS+ – 2
VOCM input impedance
2.5 || 1
MΩ || pF
VOCM offset from mid-supply
VVOCM pin floating, VO = VICM = 0 V
±1
mV
VOCM common-mode offset
voltage
VVOCM = VICM, VO = 0 V
±1
±6
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±10
VOCMcommon-mode offset
voltage drift
VVOCM = VICM, VO = 0 V, TA = –40°C to +125°C
±20
±60
µV/°C
POWER SUPPLY
IQ
Quiescent operating current
0.95
1.05
mA
TA = –40°C to +125°C
1.4
POWER DOWN
VPD(HI)
Power-down enable voltage
TA = –40°C to +125°C
VVS+ – 0.5
V
VPD(LOW)
Power-down disable voltage
TA = –40°C to +125°C
VVS+ – 2.0
PD bias current
VPD = VVS+ – 2 V
1
2
µA
Powerdown quiescent current
10
20
µA
Turn-on time delay
VIN = 100 mV, Time to VO = 90% of final value
10
µs
Turn-off time delay
VIN = 100 mV, Time to VO = 10% of original
value
15
(1)
RL is connected differentially, from OUT+ to OUT–.
www.ti.com
THP210
SBOS932C – JANUARY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com