Electronic Components Datasheet Search
  English  ▼

X  

SWRP-4 Datasheet(PDF) 9 Page - HellermannTyton.

Part # SWRP-4
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SWRP-4 Datasheet(HTML) 9 Page - HellermannTyton.

Back Button SWRP-4 Datasheet HTML 2Page - HellermannTyton. SWRP-4 Datasheet HTML 3Page - HellermannTyton. SWRP-4 Datasheet HTML 4Page - HellermannTyton. SWRP-4 Datasheet HTML 5Page - HellermannTyton. SWRP-4 Datasheet HTML 6Page - HellermannTyton. SWRP-4 Datasheet HTML 7Page - HellermannTyton. SWRP-4 Datasheet HTML 8Page - HellermannTyton. SWRP-4 Datasheet HTML 9Page - HellermannTyton. SWRP-4 Datasheet HTML 10Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
134
6.6
Essentials
Coiled Cable Installation T ools
T
Product
Description
Reference
Cable Rat RAT20G and RAT30G
The quick solution to a lengthy problem - draw
cables through all manner of curves and bends!
The Cable Rat is a quality fish tape for the
professional installer. Cable Rat is constructed of
the finest quality GRP coated in a smooth
polypropylene. Light, portable and extremely
strong. Available in lengths of 20 and 30 metres.
Cable Rat 20m
RAT20G
Cable Rat 30m
RAT30G
Flat Rat
10 metre rectangular GRP Flat Rat in a handy
FRT10
plastic dispenser. Complete with Flexi Lead,
Domed Bullet & Mini Eye.
Maintains strength when being pushed but
flexible enough to go around tight conduit bends,
the rectangular design keeps the Flat Rat moving
forwards - avoiding the problem of coiling
that round products can have. Perfect for
dropping down walls or for pushing through
crowded conduit
CableZilla
100m x 7mm - Tough construction, housed on a
CZLA
strong versatile wheel for easy use and storage.
CableZilla has high tensile strength and is easy
to handle due to the tough polypropylene outer
covering. CableZilla is ideal for use in ducting,
on long runs and underfloors.
Cable Rats
G_Ess IRISH Sect6
26/7/06
15:07
Page 134



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com