Electronic Components Datasheet Search
  English  ▼

X  

SWRP-4 Datasheet(PDF) 4 Page - HellermannTyton.

Part # SWRP-4
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

SWRP-4 Datasheet(HTML) 4 Page - HellermannTyton.

  SWRP-4 Datasheet HTML 1Page - HellermannTyton. SWRP-4 Datasheet HTML 2Page - HellermannTyton. SWRP-4 Datasheet HTML 3Page - HellermannTyton. SWRP-4 Datasheet HTML 4Page - HellermannTyton. SWRP-4 Datasheet HTML 5Page - HellermannTyton. SWRP-4 Datasheet HTML 6Page - HellermannTyton. SWRP-4 Datasheet HTML 7Page - HellermannTyton. SWRP-4 Datasheet HTML 8Page - HellermannTyton. SWRP-4 Datasheet HTML 9Page - HellermannTyton. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
129
6.2
Essentials
Cable Rod Sets
T
The Standard Set
The standard set is particularly appropriate for domestic installations.
Rods Included:
• 4 x 1m x 5mm Standard Red Rods
• 1 x 1m x 4mm Floppy Yellow Rod
Accessories Included:
• 175mm Flexi lead
• Mini Eye and Ring
• Gender Changer
• Tuff Hook
• Domed Bullet
The Standard Set is the ideal introductory kit to the Cable Rod
professional range of routing systems.
Product
Reference
Standard Set
CRSS
Standard Set
Super Six Set
A carefully selected flexible range that offers an ideal compromise
for those who face challenges in both commercial and domestic
installations.
Rods Included:
• 3 x 1m x 5mm Standard Red Rods
• 2 x 1m x 4mm Floppy Yellow Rods
• 1 x 1m x 6 mm Stiffy Black Rod
Accessories Included:
• 175mm Flexi lead
• Domed Bullet
• Tuff Hook
• Mini Eye and Ring
• Gender Changer
• Single Magnet
• Thread Cleaning Flat Bullet
All this adds up to a versatile and flexible installation tool.
Product
Reference
Super Six
CRS6
Super Six Set
Handy Set & Tool Box Set
Designed to be used in small cramped areas, the 500mm and 330mm
rods provide four degrees of flexibility for any cable installation job
where the larger range of Cable Rods may not be practical.
Handy Set Includes (CRHS):
• 2 x 500mm x 5mm Standard Red Rods
• 1 x 500mm x 6mm Stiffy Black Rod
• 1 x 500mm x 4mm Floppy Yellow Rod
• 1 x 330mm White Flexi Lead Rod
• Domed Bullet
• 1 x Mini Eye
• 1 x Mini Hook
Tool Box Set (CRTB) Includes:
• 2 x 330mm x 5mm Standard Red Rods
• 1 x 330mm x 6mm Stiffy Black Rod
• 1 x 330mm x 4mm Floppy Yellow Rod
• 1 x 330mm White Flexi Lead Rod
• Domed Bullet
• 1 x Mini Eye
• 1 x Mini Hook
Product
Reference
Handy Set
CRHS
Tool Box Set
CRTB
Handy Set & Tool Box Set
Handy Set is the set shown
LENGTH: 5 Metres
APPLICATION: Route - 3 Flexibilities
LENGTH: 6 Metres
APPLICATION: Route - Retrieve - 4 Flexibilities
G_Ess IRISH Sect6
26/7/06
15:06
Page 129



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com