Electronic Components Datasheet Search
  English  ▼

X  

SAP5S Datasheet(PDF) 3 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5S
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5S Datasheet(HTML) 3 Page - Zentrum Mikroelektronik Dresden AG

  SAP5S Datasheet HTML 1Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 2Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 3Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 4Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 5Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is PRELIMINARY and subject to changes without notice.
Typical Applications
 AS-I Master Modules
 AS-I Slave Modules
 AS-I Safety Modules (SAP5S only)
SAP5S/SAP51 Block Diagram
Ordering Information
Ordering Code
Operating
Temperature
Range
Package Type
RoHS
Conform
Packaging
Minimum
Order Quantity
SAP5SD-A-G1-T
SAP51D-A-G1-T
-25°C to +85°C
SOP20 / 300 mil
Y
Tubes
(37 parts/tube)
370 pcs.
(10 tubes)
SAP5SD-A-G1-R
SAP51D-A-G1-R
-25°C to +85°C
SOP20 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
SAP5SD-B-G1-T
SAP51D-B-G1-T
-25°C to +85°C
SOP16 / 300 mil
Y
Tubes
(46 parts/tube)
460 pcs.
(10 tubes)
SAP5SD-B-G1-R
SAP51D-B-G1-R
-25°C to +85°C
SOP16 / 300 mil
Y
Tape & Reel
(1000 parts/reel)
1000 pcs.
(one reel)
Sales and Further Information
www.zmdi.com
asi@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korean Office
POSCO Centre Building
West Tower, 11th Floor
892 Daechi, 4-Dong,
Kangnam-Gu
Seoul, 135-777
Korea
Phone +49.351.8822.7274
Fax
+49.351.8822.87274
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.2.559.0660
Fax
+82.2.559.0700
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden
AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate.
However, under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind
or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to
any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with
or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com