Electronic Components Datasheet Search
  English  ▼

X  

SAP5S Datasheet(PDF) 10 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP5S
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP5S Datasheet(HTML) 10 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP5S Datasheet HTML 6Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 7Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 8Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 9Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG SAP5S Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
10 of 62
1.2. Operating Conditions
Table 2: Operating Conditions
Symbol
Parameter
Min
Max.
Unit
Note
VLTGN
Negative supply voltage
0
0
V
VLTGP
DC voltage at LTGP relating to VLTGN
16
34
V
1, 2
ILTGP
Operating current at VUIN = 30V
6
mA
3
ICL1
Max. output sink current at pins D3...D0, DSTBn
10
mA
ICL2
Max. output sink current at pins P0...P3, PSTBnBn
10
mA
amb
Ambient temperature range, operating range
-25
85
°C
1 Below V
LTGPmin the power supply block may not be able to provide the specified output currents at
UOUT and U5R.
2 Outside of these limits the send current shape and send current amplitude cannot be guaranteed.
3 f
c = 16.000 MHz, no load at any pin, transmitter turned off, digital state machine is in idle state
Table 3: Crystal Frequency
Symbol
Parameter
Nom.
Unit
Note
fc
Crystal frequency
5.333/16.000
MHz
4
4 The IC automatically detects whether the crystal frequency is 5.333MHz or 16.000MHz and controls
the internal clock circuit accordingly.
1.3. EMC Behavior
The IC has to fulfill the requirements defined in AS-Interface Complete Specification V2.11 [1] and related test
requirements AS-Interface Slave ICs.
In addition to the AS-Interface Complete Specification and in combination with a reference component circuit
the IC has to achieve a communication failure rate less than 10% of the allowed failure rate according to the
"Fast Transient" test method specified in the related AS-Interface association test procedures.
The above specified behavior is correct by design and has to be proven while IC characterization.
1.4. Quality Standards
The quality of the IC will be ensured according to the ZMDI quality standards. ZMDI is a qualified supplier
according to ISO/TS 16949:2002 and ISO 14001:1996.
The following reference documents apply for the development process:
Management Regulation: 0410 Product Development procedure
Process Specification: ZMDI C7D 0.6µm Technology
Functional device parameters are valid for device operating conditions specified in chapter 1.2 at page 8.
Production device tests are performed within the recommended ranges of VLTGP - VLTGN, amb = +25°C
(+85°C and -25°C on sample base only) unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com