Electronic Components Datasheet Search
  English  ▼

X  

78L05A Datasheet(PDF) 7 Page - Estek Electronics Co. Ltd

Part # 78L05A
Description  3-Terminal Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78L05A Datasheet(HTML) 7 Page - Estek Electronics Co. Ltd

  78L05A Datasheet HTML 1Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 2Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 3Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 4Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 5Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 6Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ordering Information
REV No:01-060804
7
BEIJING ESTEK ELECTRONICS CO.,LTD
P A C K A G
E
M A R K I N G
O R DER I NG
NU M B E R
Electrical Characteristics 78L24A
Electrical characteristics at specified virtual junction temperature, VI= 32V, IO = 40mA (unless otherwise noted)
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
23
24
25
IO= 1mA to 40mA,
VI= 26.5V to 39V
22.8
24
25.2
Output voltage**
IO= 1mA to 70mA
0
°C to 125°C
22.8
24
25.2
V
VI= 26.5V to 39V
95
480
Input regulation
VI= 29V to 39V
25
°C
78
400
mV
Ripple rejection
VI= 27.5V to 37.5V,
f= 120Hz
0
°C to 125°C
30
33
dB
IO= 1mA to 100mA
41
240
Output regulation
IO= 1mA to 40mA
25
°C
28
120
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
97
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.8
6.5
Bias current
125
°C
6
VI= 28V to 39V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33µF capacitor across the input and a 0.1µF
capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
78LXX
78LXX
ET
TO - 92
78L24A
78LXX
Postalcode:100039
Http://www.estek.com.cn
Tel: 86-010-58895780 / 81 / 82 / 83 / 84
Fax : 010-58895793
Email:sales@estek.com.cn
Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Address :
6A06--6A07



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com