Electronic Components Datasheet Search
  English  ▼

X  

78L05A Datasheet(PDF) 5 Page - Estek Electronics Co. Ltd

Part # 78L05A
Description  3-Terminal Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

78L05A Datasheet(HTML) 5 Page - Estek Electronics Co. Ltd

  78L05A Datasheet HTML 1Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 2Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 3Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 4Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 5Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 6Page - Estek Electronics Co. Ltd 78L05A Datasheet HTML 7Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
BEIJING ESTEK ELECTRONICS CO.,LTD
Electrical Characteristics 78L10A
Electrical characteristics at specified virtual junction temperature, VI= 17V, IO = 40mA (unless otherwise noted)
78L10A
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
9.6
10
10.4
IO= 1mA to 40 mA,
VI= 13V to 25V
9.5
10
10.5
Output voltage**
IO= 1mA to 70mA,
0
°C to 125°C
9.5
10
10.5
V
VI= 13V to 25V
51
175
Input regulation
VI= 14V to 25V
25
°C
42
125
mV
Ripple rejection
VI= 15V to 25V, f= 120Hz
0
°C to 125°C
37
44
dB
IO= 1mA to 100mA
20
90
Output regulation
IO= 1mA to 40mA
25
°C
11
40
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
62
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.2
6
Bias current
125
°C
5.5
VI= 14V to 25V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
Electrical Characteristics 78L12A
Electrical characteristics at specified virtual junction temperature, VI= 19V, IO = 40mA (unless otherwise noted)
Parameter
Test Conditions*
Min
Typ
Max
Units
25
°C
11.5
12
12.5
IO= 1mA to 40mA,
VI= 14V to 27V
11.4
12
12.6
Output voltage**
IO= 1mA to 70mA
0
°C to 125°C
11.4
12
12.6
V
VI= 14.5V to 27V
55
250
Input regulation
VI= 16V to 27V
25
°C
49
200
mV
Ripple rejection
VI= 15V to 25V, f= 120Hz
0
°C to 125°C
37
42
dB
IO= 1mA to 100mA
22
100
Output regulation
IO= 1mA to 40mA
25
°C
13
50
mV
Output noise voltage
f= 10Hz to 100 KHz
25
°C
70
µV
Dropout voltage
25
°C
1.7
V
25
°C
4.3
6.5
Bias current
125
°C
6
VI= 16V to 27V
1.5
Bias current change
IO= 1mA to 40mA
0
°C to 125°C
0.1
mA
*
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal
effects must be taken into account separately. All characteristics are measured with a 0.33µF capacitor across the input and a 0.1µF
capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.
78L12A
78LXX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com