Electronic Components Datasheet Search
  English  ▼

X  

75NF75 Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # 75NF75
Description  HEXFET짰 POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

75NF75 Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  75NF75 Datasheet HTML 1Page - Estek Electronics Co. Ltd 75NF75 Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HEXFET
®
Power MOSFET
VDSS = 75V
ID25 = 75A
RDS(ON) = 13.0 mΩ
Dynamic dv/dt Rating
175°C Operating Temperature
Fast switching
Ease of Paralleling
Simple Drive Requirements
Description
Third Generation HEXFETs from International Rectifier provide the designer
with the best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial
applications at power dissipation levels to approximately 50watts. The low
thermal resistance and low package cost of the TO-220 contribute to its
Pin1–Gate
Pin2–Drain
Pin3–Source
wide acceptance throughout the industry.
Absolute Maximum Ratings
Parameter
Max.
Units
ID@TC=25°C
Continuous Drain Current, VGS@10V
75 ①
ID@TC=100°C Continuous Drain Current, VGS@10V
60
IDM
Pulsed Drain Current ②
300
A
PD@TC=25°C Power Dissipation
200
W
Linear Derating Factor
1.5
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAR
Single Pulse Avalanche Energy ③
23
mJ
dv/dt
Peak Diode Recovery dv/dt
④
5.9
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
–55 to +175
Soldering Temperature, for 10 seconds
300(1.6mm from case)
ْ°C
Mounting Torque,6-32 or M3 screw
10 Ibf . in(1.1N . m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-case
—
—
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
—
0.50
—
RθJA
Junction-to-Ambient
—
—
62
ْ°C /W
1
75NF75


Similar Part No. - 75NF75

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
logo
KIA Semiconductor Techn...
75NF75 KIA-75NF75 Datasheet
470Kb / 7P
80A竊?0V N-CHANNEL MOSFET
More results

Similar Description - 75NF75

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
HEXFET짰 Power MOSFET
IRF9510PBF IRF-IRF9510PBF Datasheet
1Mb / 8P
HEXFET짰 Power MOSFET
IRF820PBF IRF-IRF820PBF Datasheet
3Mb / 7P
HEXFET짰 Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com