Electronic Components Datasheet Search
  English  ▼

X  

TLC339CD Datasheet(PDF) 11 Page - Texas Instruments

Part # TLC339CD
Description  LinCMOS™ MICROPOWER QUAD COMPARATORS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC339CD Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLC339CD Datasheet HTML 7Page - Texas Instruments TLC339CD Datasheet HTML 8Page - Texas Instruments TLC339CD Datasheet HTML 9Page - Texas Instruments TLC339CD Datasheet HTML 10Page - Texas Instruments TLC339CD Datasheet HTML 11Page - Texas Instruments TLC339CD Datasheet HTML 12Page - Texas Instruments TLC339CD Datasheet HTML 13Page - Texas Instruments TLC339CD Datasheet HTML 14Page - Texas Instruments TLC339CD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
11
WWW.TI.COM
TYPICAL CHARACTERISTICS†
Figure 4
50
40
20
10
−5
−4
−3
−2
−1
0
1
60
80
90
234
5
30
70
0
DISTRIBUTION OF INPUT
OFFSET VOLTAGE
100
VDD = 5 V
VIC = 2.5 V
TA = 25°C
VIO − Input Offset Voltage − mV
Figure 5
0
0.001
10
25
50
75
100
125
0.01
1
TA − Free-Air Temperature − °C
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 5 V
VIC = 2.5 V
Figure 6
84
82
81
80
− 75 − 50
− 25
0
25
50
86
87
88
75
100
125
85
83
89
TA − Free-Air Temperature − °C
COMMON-MODE REJECTION
RATIO
vs
FREE-AIR TEMPERATURE
VDD = 5 V
90
Figure 7
85
83
82
81
− 75 − 50
− 25
0
25
50
87
88
89
75
100
125
86
84
90
TA − Free-Air Temperature − °C
SUPPLY-VOLTAGE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
VDD = 5 V to 10 V
80
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com