Electronic Components Datasheet Search
  English  ▼

X  

TLC339CD Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC339CD
Description  LinCMOS™ MICROPOWER QUAD COMPARATORS
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC339CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC339CD Datasheet HTML 10Page - Texas Instruments TLC339CD Datasheet HTML 11Page - Texas Instruments TLC339CD Datasheet HTML 12Page - Texas Instruments TLC339CD Datasheet HTML 13Page - Texas Instruments TLC339CD Datasheet HTML 14Page - Texas Instruments TLC339CD Datasheet HTML 15Page - Texas Instruments TLC339CD Datasheet HTML 16Page - Texas Instruments TLC339CD Datasheet HTML 17Page - Texas Instruments TLC339CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
TLC139, TLC339, TLC339Q
LinCMOS MICROPOWER QUAD COMPARATORS
14
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 16
0
100
0
01
5
LOW-TO-HIGH-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS OVERDRIVE VOLTAGES
234
5
IDD − Low-to-High-Level
tPLH
Output Propagation Delay Time −
s
µ
40 mV
20 mV
10 mV
5 mV
2 mV
VDD = 5 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
Figure 17
30
20
10
0
02
4
6
8
10
40
50
60
12
14
16
OUTPUT FALL TIME
vs
SUPPLY VOLTAGE
VDD − Supply Voltage − V
CL = 100 pF
50 pF
15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
0
100
0
01
5
HIGH-TO-LOW-LEVEL OUTPUT
PROPAGATION DELAY
FOR VARIOUS OVERDRIVE VOLTAGES
234
5
Output Propagation Delay Time −
s
µ
VDD = 5 V
CL = 15 pF
RL = 5.1 kΩ (pullup to VDD)
TA = 25°C
40 mV
20 mV
10 mV
5 mV
2 mV
tPHL − High-to-Low-Level
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com