Electronic Components Datasheet Search
  English  ▼

X  

74HC164 Datasheet(PDF) 3 Page - Estek Electronics Co. Ltd

Part # 74HC164
Description  identical in pinout to the LS/ALS164
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

74HC164 Datasheet(HTML) 3 Page - Estek Electronics Co. Ltd

  74HC164 Datasheet HTML 1Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 2Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 3Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 4Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 5Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
74HC164
DC Electrical Characteristics
(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25 °
C
to
-55°
C
≤
85
°
C
≤
125
°
C
Unit
VIH
Minimum High-
Level Input Voltage
VIL
Maximum Low -
Level Input Voltage
VOH
Minimum High-
Level Output Voltage
VOL
Maximum Low-
Level Output Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT≤ 20 µA
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
VIN= VIH
or VIL
IOUT ≤ 20 µA
VIN= VIH
or VIL
IOUT ≤ 4.0 mA
IOUT ≤ 5.2
mA VIN=VIH or
VIL
IOUT ≤ 20 µA
VIN=VIH or VIL
IOUT ≤ 4.0 mA
I
 ≤ 5.2 mA
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
2.0
4.5
6.0
4.5
6.0
1.5
3.15
4.2
0.3
0.9
1.2
1.9
4.4
5.9
3.98
5.48
0.1
0.1
0.1
0.26
0.26
1.5
3.15
4.2
0.3
0.9
1.2
1.9
4.4
5.9
3.84
5.34
0.1
0.1
0.1
0.33
0.33
1.5
3.15
4.2
0.3
0.9
1.2
1.9
4.4
5.9
3.7
5.2
0.1
0.1
0.1
0.4
0.4
V
V
V
V
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum
Quiescent
Supply Current
VIN=VCC or
GND IOUT=0µA
6.0
8.0
80
160
µA
3
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com