Electronic Components Datasheet Search
  English  ▼

X  

74HC164 Datasheet(PDF) 4 Page - Estek Electronics Co. Ltd

Part # 74HC164
Description  identical in pinout to the LS/ALS164
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

74HC164 Datasheet(HTML) 4 Page - Estek Electronics Co. Ltd

  74HC164 Datasheet HTML 1Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 2Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 3Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 4Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 5Page - Estek Electronics Co. Ltd 74HC164 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
74HC164
AC Electrical Characteristics
(C L =50pF,Input tr
=tf
VCC
Guaranteed Limit
Symbol
Parameter
V
25 °
C
to
-55°
C
≤85°
C
≤125°
C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
tPLH, tPHL
Maximum Propagation Delay,Clock to Q
(Figures
1 and 4)
tPHL
Maximum Propagation Delay,Reset to Q
(Figures 2 and 4)
tTLH, tTHL
Maximum Output Transition Time, Any Output
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
6.0
30
35
175
35
30
205
41
35
75
15
13
4.8
24
28
220
44
37
255
51
43
95
19
16
4.0
20
24
265
53
45
310
62
53
110
22
19
MHz
ns
ns
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
tSU
Minimum Setup Time,A1 or A2 to Clock
(Figure 3)
th
Minimum Hold Time, Clock to A1 or A2
(Figure 3)
trec
Minimum Recovery Time, Reset Inactive to
Clock (Figure 2)
2.0
4.5
6.0
2.0
4.5
6.0
2.0
4.5
6.0
50
10
9
5
5
5
5
5
5
65
13
11
5
5
5
5
5
5
75
15
13
5
5
5
5
5
5
ns
ns
ns
tw
Minimum Pulse Width, Reset (Figure 2)
2.0
4.5
6.0
tw
Minimum Pulse Width, Clock (Figure 1)
2.0
4.5
6.0
tr, tf
Maximum Input Rise and Fall Times (Figure 1)
2.0
4.5
6.0
80
16
14
80
16
14
1000
500
400
100
20
17
100
20
17
1000
500
400
120
24
20
120
24
20
1000
500
400
ns
ns
ns
Power Dissipation Capacitance (Per Package)
CPD
Used to determine the no-load dynamic power
consumption:
2f+ICCVCCPD=CPDV
Typical @25°
C,VCC=5.0 V
140
pF
4
BEIJING ESTEK ELECTRONICS CO.,LTD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com