Electronic Components Datasheet Search
  English  ▼

X  

TLC5929PWPR Datasheet(PDF) 40 Page - Texas Instruments

Part # TLC5929PWPR
Description  16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power- Save Mode, and Full Self-Diagnosis for LED Lamp
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5929PWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button TLC5929PWPR Datasheet HTML 36Page - Texas Instruments TLC5929PWPR Datasheet HTML 37Page - Texas Instruments TLC5929PWPR Datasheet HTML 38Page - Texas Instruments TLC5929PWPR Datasheet HTML 39Page - Texas Instruments TLC5929PWPR Datasheet HTML 40Page - Texas Instruments TLC5929PWPR Datasheet HTML 41Page - Texas Instruments TLC5929PWPR Datasheet HTML 42Page - Texas Instruments TLC5929PWPR Datasheet HTML 43Page - Texas Instruments TLC5929PWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(5.8)
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
24X (1.5)
24X (0.45)
22X (0.65)
(3.4)
NOTE 9
(7.8)
NOTE 9
(2.4)
(5.16)
(
) TYP
VIA
0.2
(1) TYP
(1.1)
TYP
(R
)
TYP
0.05
4222709/A 02/2016
PowerPAD TSSOP - 1.2 mm max height
PWP0024B
PLASTIC SMALL OUTLINE
SYMM
SYMM
SEE DETAILS
LAND PATTERN EXAMPLE
SCALE:10X
1
12
13
24
METAL COVERED
BY SOLDER MASK
SOLDER MASK
DEFINED PAD
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
PADS 1-24
SOLDER MASK
DEFINED
SOLDER MASK
METAL UNDER
SOLDER MASK
OPENING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com