Electronic Components Datasheet Search
  English  ▼

X  

TLV07 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV07
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV07 Datasheet HTML 12Page - Texas Instruments TLV07 Datasheet HTML 13Page - Texas Instruments TLV07 Datasheet HTML 14Page - Texas Instruments TLV07 Datasheet HTML 15Page - Texas Instruments TLV07 Datasheet HTML 16Page - Texas Instruments TLV07 Datasheet HTML 17Page - Texas Instruments TLV07 Datasheet HTML 18Page - Texas Instruments TLV07 Datasheet HTML 19Page - Texas Instruments TLV07 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
16
TLV07
SBOS832A – JULY 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
Another common question involves what happens to the amplifier if an input signal is applied to the input when
the power supplies (V+ or V–) are at 0 V. This question depends on the supply characteristic when at 0 V, or at a
level below the input signal amplitude. If the supplies appear as high impedance, then the input source supplies
the operational amplifier current through the current-steering diodes. This state is not a normal bias condition;
most likely, the amplifier does not operate normally. If the supplies are low impedance, then the current through
the steering diodes can become quite high. The current level depends on the ability of the input source to deliver
current, and any resistance in the input path.
If there is any uncertainty about the ability of the supply to absorb this current, add external Zener diodes to the
supply pins; see Figure 34. Select the Zener voltage so that the diode does not turn on during normal operation.
However, the Zener voltage must be low enough so that the Zener diode conducts if the supply pin begins to rise
above the safe-operating, supply-voltage level.
The TLV07 input pins are protected from excessive differential voltage with back-to-back diodes; see Figure 34.
In most circuit applications, the input protection circuitry has no effect. However, in low-gain or G = 1 circuits,
fast-ramping input signals can forward-bias these diodes because the output of the amplifier cannot respond
rapidly enough to the input ramp. If the input signal is fast enough to create this forward-bias condition, limit the
input signal current to 10 mA or less. If the input signal current is not inherently limited, use an input series
resistor to limit the input signal current.
7.4 Device Functional Modes
7.4.1 Overload Recovery
Overload recovery is defined as the time required for the op amp output to recover from the saturated state to
the linear state. The output devices of the op amp enter the saturation region when the output voltage exceeds
the rated operating voltage resulting from the high input voltage or the high gain. After the device enters the
saturation region, the charge carriers in the output devices must have time to return back to the normal state.
After the charge carriers return back to the equilibrium state, the device begins to slew at the normal slew rate.
As a result, the propagation delay (in case of an overload condition) is the sum of the overload recovery time and
the slew time. The overload recovery time for the TLV07 is approximately 2 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com