Electronic Components Datasheet Search
  English  ▼

X  

TLV07 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV07
Description  TLV07 36-V Precision, Rail-to-Rail Output Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV07 Datasheet(HTML) 5 Page - Texas Instruments

  TLV07 Datasheet HTML 1Page - Texas Instruments TLV07 Datasheet HTML 2Page - Texas Instruments TLV07 Datasheet HTML 3Page - Texas Instruments TLV07 Datasheet HTML 4Page - Texas Instruments TLV07 Datasheet HTML 5Page - Texas Instruments TLV07 Datasheet HTML 6Page - Texas Instruments TLV07 Datasheet HTML 7Page - Texas Instruments TLV07 Datasheet HTML 8Page - Texas Instruments TLV07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
TLV07
www.ti.com
SBOS832A – JULY 2017 – REVISED AUGUST 2017
Product Folder Links: TLV07
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.5 Electrical Characteristics
at TA = 25°C, V+ = +15 V, V- = -15 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
50
±100
µV
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
±0.9
µV/°C
PSRR
Input offset voltage vs power supply
VS = 2.7 V to 36 V
0.3
µV/V
INPUT BIAS CURRENT
IB
Input bias current
±40
pA
TA = –40°C to 125°C
±3
nA
IOS
Input offset current
±4
pA
NOISE
Input voltage noise
ƒ = 0.1 Hz to 10 Hz
2.7
µVPP
en
Input voltage noise density
ƒ = 1 kHz
19
nV/
√Hz
INPUT VOLTAGE
VCM
Common-mode voltage range
(V–) – 0.1
(V+) – 2
V
CMRR
Common-mode rejection ratio
VS = ±18 V, (V–) - 0.1 V < VCM < (V+) – 2 V
104
120
dB
INPUT IMPEDANCE
Differential
100 || 3
MΩ || pF
Common-mode
6 || 3
1012 Ω || pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
(V–) + 0.35 V < VO < (V+) – 0.35 V
110
130
dB
FREQUENCY RESPONSE
GBP
Gain bandwidth product
1
MHz
SR
Slew rate
G = 1
0.4
V/µs
tS
Settling time
To 0.1%, VS = ±18 V, G = +1, 10-V step
20
µs
To 0.01% (12-bit), VS = ±18 V
G = 1
10-V step
28
µs
OUTPUT
VO
Voltage output swing from rail
RL = 10 kΩ
120
mV
ISC
Short-circuit current
17
mA
RO
Open-loop output resistance
ƒ = 1 MHz
IO = 0 A
900
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
IO = 0 A
930
1800
µA
TEMPERATURE
Specified range
–40
125
°C
Operating range
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com