Electronic Components Datasheet Search
  English  ▼

X  

TLV314IDBVT Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV314IDBVT
Description  TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV314IDBVT Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV314IDBVT Datasheet HTML 10Page - Texas Instruments TLV314IDBVT Datasheet HTML 11Page - Texas Instruments TLV314IDBVT Datasheet HTML 12Page - Texas Instruments TLV314IDBVT Datasheet HTML 13Page - Texas Instruments TLV314IDBVT Datasheet HTML 14Page - Texas Instruments TLV314IDBVT Datasheet HTML 15Page - Texas Instruments TLV314IDBVT Datasheet HTML 16Page - Texas Instruments TLV314IDBVT Datasheet HTML 17Page - Texas Instruments TLV314IDBVT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
14
TLV314, TLV2314, TLV4314
SBOS754A – MARCH 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TLV314 TLV2314 TLV4314
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Operating Voltage
The TLV314 series of operational amplifiers is fully specified and ensured for operation from 1.8 V to 5.5 V. In
addition, many specifications apply from –40°C to +125°C. Parameters that vary significantly with operating
voltages or temperature are provided in the Typical Characteristics section. Bypass power-supply pins with
0.01-
μF ceramic capacitors.
8.3.2 Rail-to-Rail Input
The input common-mode voltage range of the TLV314 series extends 200 mV beyond the supply rails. This
performance is achieved with a complementary input stage: an N-channel input differential pair in parallel with a
P-channel differential pair; see the Functional Block Diagram section. The N-channel pair is active for input
voltages close to the positive rail, typically (V+) – 1.3 V to 200 mV above the positive supply, and the P-channel
pair is on for inputs from 200 mV below the negative supply to approximately (V+) – 1.3 V. There is a small
transition region, typically (V+) – 1.4 V to (V+) – 1.2 V, in which both pairs are on. This 200-mV transition region
can vary up to 300 mV with process variation. Thus, the transition region (both stages on) can range from (V+) –
1.7 V to (V+) – 1.5 V on the low end, up to (V+) – 1.1 V to (V+) – 0.9 V on the high end. Within this transition
region, PSRR, CMRR, offset voltage, offset drift, and THD can be degraded compared to device operation
outside this region.
8.3.3 Rail-to-Rail Output
Designed as a micro-power, low-noise operational amplifier, the TLV314 delivers a robust output drive capability.
A class AB output stage with common-source transistors is used to achieve full rail-to-rail output swing capability.
For resistive loads up to 10 k
Ω, the output typically swings to within 5 mV of either supply rail regardless of the
power-supply voltage applied. Different load conditions change the ability of the amplifier to swing close to the
rails; see Figure 7.
8.3.4 Common-Mode Rejection Ratio (CMRR)
The CMRR for the TLV314 is specified in several ways so the best match for a given application can be used;
see the Electrical Characteristics table. First, the CMRR of the device in the common-mode range below the
transition region [VCM < (V+) – 1.3 V] is given. This specification is the best indicator of the capability of the
device when the application requires using one of the differential input pairs. Second, the CMRR over the entire
common-mode range is specified at (VCM = –0.2 V to 5.7 V). This last value includes the variations measured
through the transition region (see Figure 4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com