Electronic Components Datasheet Search
  English  ▼

X  

TLV314IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV314IDBVT
Description  TLVx314 3-MHz, Low-Power, Internal EMI Filter, RRIO, Operational Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV314IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV314IDBVT Datasheet HTML 7Page - Texas Instruments TLV314IDBVT Datasheet HTML 8Page - Texas Instruments TLV314IDBVT Datasheet HTML 9Page - Texas Instruments TLV314IDBVT Datasheet HTML 10Page - Texas Instruments TLV314IDBVT Datasheet HTML 11Page - Texas Instruments TLV314IDBVT Datasheet HTML 12Page - Texas Instruments TLV314IDBVT Datasheet HTML 13Page - Texas Instruments TLV314IDBVT Datasheet HTML 14Page - Texas Instruments TLV314IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
4
3
2
1
0
1
2
3
4
-
-
-
-
0
250
500
750
1000
Time (125 s/div)
m
V
V
IN
OUT
-
-
-
-
60
80
100
120
140
-
100
1k
10k
100k
1M
10M
Frequency (Hz)
Time (1 s/div)
m
1
0.75
0.5
0.25
0
0.25
0.5
0.75
1
-
-
-
-
V
IN
V
OUT
Time (1 s/div)
m
Z
Z
L
L
= 10 pF + 10 kW
= 100 pF + 10 kW
V
IN
3
2
1
0
1
2
3
-
-
-
0
5
10
15
20
25
30
35
40
Output Current (mA)
-40°C
25°C
125°C
0
200
400
600
800
1000
1200
Capacitive Load (pF)
70
60
50
40
30
20
10
0
11
TLV314, TLV2314, TLV4314
www.ti.com
SBOS754A – MARCH 2016 – REVISED MARCH 2016
Product Folder Links: TLV314 TLV2314 TLV4314
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
VS = ±2.75 V
Figure 7. Output Voltage Swing vs Output Current
(Over Temperature)
VS = ±2.75 V, gain = 1 V/V, RL = 10 kΩ
Figure 8. Small-Signal Overshoot vs Load Capacitance
VS = ±0.9 V, gain = 1 V/V, RF = 10 kΩ
Figure 9. Small-Signal Pulse Response (Noninverting)
VS = ±0.9 V, gain = 1 V/V, RL = 10 kΩ
Figure 10. Large-Signal Pulse Response (Noninverting)
Figure 11. No Phase Reversal
VS = ±2.75 V
Figure 12. Channel Separation vs Frequency (TLV2314)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com