Electronic Components Datasheet Search
  English  ▼

X  

TLV709A01DBVR Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV709A01DBVR
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709A01DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TLV709A01DBVR Datasheet HTML 1Page - Texas Instruments TLV709A01DBVR Datasheet HTML 2Page - Texas Instruments TLV709A01DBVR Datasheet HTML 3Page - Texas Instruments TLV709A01DBVR Datasheet HTML 4Page - Texas Instruments TLV709A01DBVR Datasheet HTML 5Page - Texas Instruments TLV709A01DBVR Datasheet HTML 6Page - Texas Instruments TLV709A01DBVR Datasheet HTML 7Page - Texas Instruments TLV709A01DBVR Datasheet HTML 8Page - Texas Instruments TLV709A01DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
1 Features
• Input voltage range: 2.5V to 30V
• Available output voltage options:
– Fixed: 1.2V to 5V
– Adjustable: 1.2V to 28V
• Output current: Up to 150mA
• Very-low IQ: 3.2μA at 150mA load current
• Stable with output capacitor ≥ 0.47μF
• Overcurrent protection
• Packages:
– 3-pin SOT-23 (DBZ) (fixed configuration only,
advance information)
– 4-pin SOT-89 (PK) (fixed configuration only)
– 5-pin SOT-23 (DBV) (both fixed and adjustable
configurations)
• Operating junction temperature: –40°C to +125°C
2 Applications
• Home and building automation
• Retail automation and payment
• Grid infrastructure
• Medical applications
• Lighting applications
3 Description
The TLV709 low-dropout (LDO) linear voltage
regulator is a low quiescent current device. This
device offers the benefits of a wide input voltage
range and low-power operation in miniaturized
packaging. The TLV709 is optimized to power
microcontrollers and other low power loads for
battery-powered applications.
The TLV709 LDO supports a low dropout of typically
600mV at 100mA of load current. The low quiescent
current (3.2μA typically) does not vary across the
entire range of output load current (0mA to 150mA).
The TLV709 also features an internal soft-start to
lower inrush current during start-up. The built-in
overcurrent limit protection helps protect the regulator
in the event of a load short or fault condition.
The TLV709 is available in 2.9mm × 2.8mm, 5-pin
SOT-23 (DBV), 2.92mm × 2.37mm, 3-pin SOT-23
(DBZ), and 4.5mm × 2.5mm, 3-pin SOT-89 (PK)
packages, The DBV package is for fixed and
adjustable outputs and the DBZ package is only for
fixed outputs.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TLV709
DBZ (SOT-23, 3)(3)
2.92mm × 2.37mm
DBV (SOT-23, 5)
2.9mm × 2.8mm
PK (SOT-89, 3)
4.5mm × 4.095mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Advance Information (not Production Data).
Output Current (mA)
0
30
60
90
120
150
2.5
3
3.5
4
4.5
5
5.5
6
6.5
-55°C
-40°C
0°C
25°C
85°C
125°C
150°C
VIN = 4.3V, VOUT = 3.3V
Quiescent Current vs Load Current
TLV70933
IN
OUT
GND
12V
0.47µF
CIN
COUT
Typical Application
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - TLV709A01DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV709A01DBVR TI1-TLV709A01DBVR Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED JUNE 2023
TLV709A01DBVR TI1-TLV709A01DBVR Datasheet
4Mb / 31P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
JANUARY 2024
More results

Similar Description - TLV709A01DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Texas Instruments
TLV709 TI-TLV709 Datasheet
4Mb / 25P
TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
FEBRUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com