Electronic Components Datasheet Search
  English  ▼

X  

TLV709A01DBVR Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV709A01DBVR
Description  TLV709 150mA, 30V, 3.2μA Quiescent Current, Low-Dropout Linear Regulator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV709A01DBVR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV709A01DBVR Datasheet HTML 8Page - Texas Instruments TLV709A01DBVR Datasheet HTML 9Page - Texas Instruments TLV709A01DBVR Datasheet HTML 10Page - Texas Instruments TLV709A01DBVR Datasheet HTML 11Page - Texas Instruments TLV709A01DBVR Datasheet HTML 12Page - Texas Instruments TLV709A01DBVR Datasheet HTML 13Page - Texas Instruments TLV709A01DBVR Datasheet HTML 14Page - Texas Instruments TLV709A01DBVR Datasheet HTML 15Page - Texas Instruments TLV709A01DBVR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Figure 6-3 shows a diagram of the current limit.
VOUT(NOM)
0 V
0 mA
VOUT
ICL
IRATED
IOUT
Brickwall
Figure 6-3. Current Limit
6.3.5 Leakage Null Control Circuit
This device has a built-in leakage-null control circuit. At high temperatures, pass-transistor leakage increases
and starts impacting the VOUT accuracy at no-load (IOUT = 0mA) conditions. This leakage becomes more
aggravated with higher headroom across the LDO (VIN – VOUT). The TLV709 has a built-in leakage-null control
circuit that detects pass-transistor leakage and provides a ground discharge path for the leakage. This circuitry
helps the TLV709 maintain much tighter VOUT accuracy across wide VIN and temperature (–40°C to +125°C)
ranges.
TLV709
SLVSGU2F – FEBRUARY 2023 – REVISED AUGUST 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com