Electronic Components Datasheet Search
  English  ▼

X  

RFM98 Datasheet(PDF) 88 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM98
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM98 Datasheet(HTML) 88 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM98 Datasheet HTML 84Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 85Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 86Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 87Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 88Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 89Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 90Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 91Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 92Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 121 page
background image
Page 88
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
RegFrfMsb
(0x06)
7-0
Frf(23:16)
rw
0x6c
MSB of the RF carrier frequency
RegFrfMid
(0x07)
7-0
Frf(15:8)
rw
0x80
MSB of the RF carrier frequency
RegFrfLsb
(0x08)
7-0
Frf(7:0)
rw
0x00
LSB of RF carrier frequency
Frf = Fstep
× Frf(23;0)
Default value: 434.000 MHz
The RF frequency is taken into account internally only when:
- entering FSRX/FSTX modes
- re-starting the receiver
Registers for the Transmitter
7
PaSelect
rw
0x00
Selects PA output pin
0
RFO pin. Maximum power of +14 dBm
1
PA_BOOST pin. Maximum power of +20 dBm
6-4
MaxPower
rw
0x04
Select max output power: Pmax=10.8+0.6*MaxPower [dBm]
RegPaConfig
(0x09)
3-0
OutputPower
rw
0x0f
Pout=Pmax-(15-OutputPower) if PaSelect = 0 (RFO pins)
Pout=17-(15-OutputPower)
if PaSelect = 1 (PA_BOOST pin)
7
unused
r
0x00
unused
6-5
ModulationShaping
rw
0x00
Data shaping:
In FSK:
00
no shaping
01
gaussian filter BT = 1.0
10
gaussian filter BT = 0.5
11
gaussian filter BT = 0.3
In OOK:
00
no shaping
01
filtering with fcutoff = bit_rate
10
filtering with fcutoff = 2*bit_rate (for bit_rate < 125 kb/s)
11
reserved
4
reserved
rw
0x00
reserved
RegPaRamp
(0x0A)
3-0
PaRamp
rw
0x09
Rise/Fall time of ramp up/down in FSK
0000
3.4 ms
0001
2 ms
0010
1 ms
0011
500 us
0100
250 us
0101
125 us
0110
100 us
0111
62 us
1000
50 us
1001
40 us (d)
1010
31 us
1011
25 us
1100
20 us
1101
15 us
1110
12 us
1111
10 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com