Electronic Components Datasheet Search
  English  ▼

X  

RFM98 Datasheet(PDF) 39 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM98
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM98 Datasheet(HTML) 39 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM98 Datasheet HTML 35Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 36Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 37Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 38Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 39Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 40Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 41Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 42Page - Shenzhen Hope Microelectronics Co., Ltd. RFM98 Datasheet HTML 43Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
Page 39
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Principle of Operation
The channel activity detection mode is designed to detect a LoRa preamble on the radio channel with the best possible
power efficiency. Once in CAD mode, the RFM95/96/97/98(W) will perform a very quick scan of the band to detect a LoRa
packet preamble.
During a CAD the following operations take place:
The PLL locks
The radio receiver captures LoRa preamble symbol of data from the channel. The radio current consumption during that
phase corresponds to the specified Rx mode current
The radio receiver and the PLL turn off, and the modem digital processing starts.
The modem searches for a correlation between the radio captured samples and the ideal preamble waveform. This
correlation process takes a little bit less than a symbol period to perform. The radio current consumption during that
phase is greatly reduced.
Once the calculation is finished the modem generates the CadDone interrupt. If the correlation was successful,
CadDetected
is generated simultaneously.
The chip goes back to stand-by mode.
If a preamble was detected, clear the interrupt, then initiate the reception by putting the radio in RX single mode or RX
continuous mode.
The time taken for the channel activity detection is dependent upon the LoRa modulation settings used. For a given
configuration the typical CAD detection time is shown in the graph below, expressed as a multiple of the LoRa symbol
period. Of this period the radio is in receiver mode for (2SF + 32) / BW seconds. For the remainder of the CAD cycle the
radio is in a reduced consumption state.
Figure 11. Channel activity detection (CAD) time as a function of spreading factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com