Electronic Components Datasheet Search
  English  ▼

X  

TLV3201 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV3201
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3201 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3201 Datasheet HTML 1Page - Texas Instruments TLV3201 Datasheet HTML 2Page - Texas Instruments TLV3201 Datasheet HTML 3Page - Texas Instruments TLV3201 Datasheet HTML 4Page - Texas Instruments TLV3201 Datasheet HTML 5Page - Texas Instruments TLV3201 Datasheet HTML 6Page - Texas Instruments TLV3201 Datasheet HTML 7Page - Texas Instruments TLV3201 Datasheet HTML 8Page - Texas Instruments TLV3201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
6.5 Electrical Characteristics: VCC = 5V
at TA = 25°C and VCC = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VIO-TLV3201 Input offset voltage TLV3201
VCM = VCC / 2
1
3
mV
TA = –40°C to 125°C
4
VIO-TLV3202 Input offset voltage TLV3202
VCM = VCC / 2
1
5
mV
TA = –40°C to 125°C
6
dVOS/dT
Input offset voltage drift
TA = –40°C to 125°C
1
10
µV/°C
PSRR
Power-supply rejection ratio
VCM = VCC / 2, VCC = 2.5V to 5.5V
65
85
dB
Input hysteresis
1.2
mV
INPUT BIAS CURRENT
IIB
Input bias current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
5
nA
IIO
Input offset current
VCM = VCC / 2
1
50
pA
TA = –40°C to 125°C
2.5
nA
INPUT VOLTAGE RANGE
VCM
Common-mode voltage
TA = –40°C to 125°C
(VEE) – 0.2
(VCC) + 0.2
V
CMRR
Common-mode rejection ratio
–0.2V < VCM < 5.2V
60
70
dB
INPUT IMPEDANCE
Common mode
1013 || 2
Ω ||pF
Differential
1013 || 4
Ω ||pF
OUTPUT
VOL
Voltage output swing from lower rail
ISINK = 4mA
175
190
mV
TA = –40°C to 125°C
225
VOH
Voltage output swing from upper rail
ISOURCE = 4mA
120
140
mV
TA = –40°C to 125°C
170
ISC
Short-circuit current (per comparator)
ISC sinking
40
48
mA
TA = –40°C to 125°C
See Figure 6-14
ISC sourcing
52
60
TA = –40°C to 125°C
See Figure 6-14
POWER SUPPLY
VCC
Specified voltage
2.7
5.5
V
IQ
Quiescent current
TA = 25°C
40
50
µA
TA = –40°C to 125°C
65
6.6 Switching Characteristics: VCC = 5V
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Propagation delay time
Low to high
Input overdrive = 20mV , CL = 15pF
47
50
ns
Input overdrive = 100mV , CL = 15pF
43
50
TA = –40°C to 125°C
55
High to low
Input overdrive = 20mV , CL = 15pF
45
50
Input overdrive = 100mV , CL = 15pF
42
50
TA = –40°C to 125°C
55
Propagation delay skew
Input overdrive = 20mV , CL = 15pF
2
ns
tR
Rise time
10% to 90%
2.9
ns
tF
Fall time
10% to 90%
3.7
ns
www.ti.com
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com