Electronic Components Datasheet Search
  English  ▼

X  

TLV3201 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV3201
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3201 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV3201 Datasheet HTML 6Page - Texas Instruments TLV3201 Datasheet HTML 7Page - Texas Instruments TLV3201 Datasheet HTML 8Page - Texas Instruments TLV3201 Datasheet HTML 9Page - Texas Instruments TLV3201 Datasheet HTML 10Page - Texas Instruments TLV3201 Datasheet HTML 11Page - Texas Instruments TLV3201 Datasheet HTML 12Page - Texas Instruments TLV3201 Datasheet HTML 13Page - Texas Instruments TLV3201 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
6.9 Typical Characteristics (continued)
at TA = 25°C, VCC = 5V, and input overdrive (VOD) = 20mV (unless otherwise noted)
0
10
20
30
40
50
60
70
80
90
100
20
30
40
50
60
70
80
90
100
Input Overdrive (mV)
PDHL: 5 V
PDLH: 5 V
PDHL: 2.7 V
PDLH: 2.7 V
G003
Figure 6-19. Propagation Delay vs Input Overdrive
30
32
34
36
38
40
42
44
46
48
50
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
Falling Edge
Rising Edge
G017
Figure 6-20. Propagation Delay vs Temperature
40
42
44
46
48
50
52
54
56
58
60
−0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
2.9
Common−Mode Input Voltage (V)
Falling Edge
Rising Edge
VCC= 2.7V
G017
Figure 6-21. Propagation Delay vs Common-Mode Voltage
40
42
44
46
48
50
52
54
56
58
60
−0.2
0.4
1
1.6
2.2
2.8
3.4
4
4.6
5.2 5.7
Common−Mode Input Voltage (V)
Falling Edge
Rising Edge
VCC= 5.5V
G017
Figure 6-22. Propagation Delay vs Common-Mode Voltage
40
42
44
46
48
50
52
54
56
58
60
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
Falling Edge
Rising Edge
G005
Figure 6-23. Propagation Delay vs Supply Voltage
35
45
55
60
0
25
50
75
100
Capacitive Load (pF)
PDLH:Vod = 20 mV
PDHL:Vod = 20 mV
PDLH:Vod = 50 mV
PDHL:Vod = 50 mV
VCC= 5.5 V
G024
Figure 6-24. Propagation Delay vs Capacitive Load
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com