Electronic Components Datasheet Search
  English  ▼

X  

SLVSAC4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLVSAC4
Description  TLV62065 3-MHz 2-A Step-Down Converter in 2 × 2 WSON Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVSAC4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLVSAC4 Datasheet HTML 6Page - Texas Instruments SLVSAC4 Datasheet HTML 7Page - Texas Instruments SLVSAC4 Datasheet HTML 8Page - Texas Instruments SLVSAC4 Datasheet HTML 9Page - Texas Instruments SLVSAC4 Datasheet HTML 10Page - Texas Instruments SLVSAC4 Datasheet HTML 11Page - Texas Instruments SLVSAC4 Datasheet HTML 12Page - Texas Instruments SLVSAC4 Datasheet HTML 13Page - Texas Instruments SLVSAC4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TLV62065
SLVSAC4B – NOVEMBER 2010 – REVISED DECEMBER 2015
www.ti.com
Device Functional Modes (continued)
7.4.3 Internal Current Limit / Fold-back Current Limit for Short-Circuit Protection
During normal operation the high-side and low-side MOSFET switches are protected by its current limits ILIMF.
Once the high-side MOSFET switch reaches its current limit, it is turned off and the low-side MOSFET switch is
turned on. The high-side MOSFET switch can only turn on again, once the current in the low-side MOSFET
switch decreases below its current limit ILIMF. The device is capable to provide peak inductor currents up to its
internal current limit ILIMF.
As soon as the switch current limits are hit and the output voltage falls below 1/3 of the nominal output voltage
due to overload or short circuit condition, the foldback current limit is enabled. In this case the switch current limit
is reduced to 1/3 of the nominal value ILIMF.
Due to the short-circuit protection is enabled during start-up, the device does not deliver more than 1/3 of its
nominal current limit ILIMF until the output voltage exceeds 1/3 of the nominal output voltage. This needs to be
considered when a load is connected to the output of the converter, which acts as a current sink.
7.4.4 Output Capacitor Discharge
With EN = GND, the device enters shutdown mode and all internal circuits are disabled. The SW pin is
connected to PGND through an internal resistor to discharge the output capacitor. This feature ensures a start-up
in a discharged output capacitor once the converter is enabled again and prevents floating charge on the output
capacitor. The output voltage ramps up monotonic starting from 0 V.
10
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com