Electronic Components Datasheet Search
  English  ▼

X  

SLVSAC4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SLVSAC4
Description  TLV62065 3-MHz 2-A Step-Down Converter in 2 × 2 WSON Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLVSAC4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SLVSAC4 Datasheet HTML 7Page - Texas Instruments SLVSAC4 Datasheet HTML 8Page - Texas Instruments SLVSAC4 Datasheet HTML 9Page - Texas Instruments SLVSAC4 Datasheet HTML 10Page - Texas Instruments SLVSAC4 Datasheet HTML 11Page - Texas Instruments SLVSAC4 Datasheet HTML 12Page - Texas Instruments SLVSAC4 Datasheet HTML 13Page - Texas Instruments SLVSAC4 Datasheet HTML 14Page - Texas Instruments SLVSAC4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
p
´
´
´
ff
1
1
C
=
2
R
25 kHz
f
p
´
´
´
z
1
ff
1
=
= 25 kHz
2
R
C
1
OUT
REF
2
R
V
V
1
R
æ
ö
=
´
+
ç
÷
è
ø
TLV62065
V
= 1.8 V
up to 2 A
OUT
R
360 k
1
Ω
R
180 k
2
Ω
V
= 2.9 V to 5.5 V
IN
C
10
OUT
µ
F
C
10
IN
µ
F
PVIN
AVIN
EN
MODE
AGND
PGND
SW
FB
C
22 pF
ff
L
1.0 H
m
TLV62065
www.ti.com
SLVSAC4B – NOVEMBER 2010 – REVISED DECEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV62065 is a high-efficiency synchronous step-down DC/DC converter providing up to 2-A output current.
8.2 Typical Application
Figure 8. TLV62065 1.8-V Adjustable Output Voltage Configuration
8.2.1 Design Requirements
The device operates over an input voltage range from 2.9 V to 5.5 V. The output voltage is adjustable using an
external feedback divider.
8.2.2 Detailed Design Procedure
8.2.2.1 Output Voltage Setting
The output voltage can be calculated by Equation 2 with an internal reference voltage VREF typically 0.6 V.
(2)
To minimize the current through the feedback divider network, R2 should be within the range of 120 kΩ to 360
k
Ω. The sum of R1 and R2 should not exceed approximately 1 MΩ, to keep the network robust against noise. An
external feed-forward capacitor Cff is required for optimum regulation performance. Lower resistor values can be
used. R1 and Cff places a zero in the loop. The right value for Cff can be calculated by Equation 3 and
Equation 4:
(3)
(4)
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV62065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com