Electronic Components Datasheet Search
  English  ▼

X  

TLV62565DBVT Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV62565DBVT
Description  TLV6256x 1.5-A High Efficiency Step-Down Converters in SOT-23 5-Pin Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV62565DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TLV62565DBVT Datasheet HTML 1Page - Texas Instruments TLV62565DBVT Datasheet HTML 2Page - Texas Instruments TLV62565DBVT Datasheet HTML 3Page - Texas Instruments TLV62565DBVT Datasheet HTML 4Page - Texas Instruments TLV62565DBVT Datasheet HTML 5Page - Texas Instruments TLV62565DBVT Datasheet HTML 6Page - Texas Instruments TLV62565DBVT Datasheet HTML 7Page - Texas Instruments TLV62565DBVT Datasheet HTML 8Page - Texas Instruments TLV62565DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TLV62565, TLV62566
SLVSBC1D – OCTOBER 2013 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TLV62565 TLV62566
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Simplified Schematic............................................. 1
5
Revision History..................................................... 2
6
Device Comparison Table..................................... 3
7
Pin Configuration and Functions ......................... 3
8
Specifications......................................................... 4
8.1
Absolute Maximum Ratings ...................................... 4
8.2
ESD Ratings.............................................................. 4
8.3
Recommended Operating Conditions ...................... 4
8.4
Thermal Information .................................................. 4
8.5
Electrical Characteristics.......................................... 5
8.6
Typical Characteristics .............................................. 6
9
Detailed Description .............................................. 7
9.1
Overview ................................................................... 7
9.2
Functional Block Diagrams ....................................... 7
9.3
Feature Description................................................... 8
9.4
Device Functional Modes.......................................... 9
10
Application and Implementation........................ 10
10.1
Application Information.......................................... 10
10.2
Typical Application ................................................ 10
11
Power Supply Recommendations ..................... 15
12
Layout................................................................... 16
12.1
Layout Guidelines ................................................. 16
12.2
Layout Example .................................................... 16
12.3
Thermal Considerations ........................................ 16
13
Device and Documentation Support ................. 17
13.1
Device Support...................................................... 17
13.2
Documentation Support ....................................... 17
13.3
Related Links ........................................................ 17
13.4
Receiving Notification of Documentation Updates 17
13.5
Community Resources.......................................... 17
13.6
Trademarks ........................................................... 17
13.7
Electrostatic Discharge Caution ............................ 17
13.8
Glossary ................................................................ 18
14
Mechanical, Packaging, and Orderable
Information ........................................................... 18
5 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (July 2015) to Revision D
Page
•
Added typical value of valley current limit for the ILIM,LS spec................................................................................................. 5
•
Added typical value of peak current limit for the ILIM,HS spec.................................................................................................. 5
•
Updated Power Save Mode description ................................................................................................................................ 8
•
Updated Switch Current Limit description ............................................................................................................................. 9
•
Updated maximum output voltage setting in the Setting the Output Voltage section .......................................................... 12
•
Added Receiving Notification of Documentation Updates section. ...................................................................................... 17
Changes from Revision B (December 2014) to Revision C
Page
•
Changed device From: TLV62566 to TLV62565 for EN in the Device Comparison Table ................................................... 3
Changes from Revision A (November 2014) to Revision B
Page
•
Added Storage temperature to Absolute Maximum Ratings .................................................................................................. 4
•
Changed Handling Ratings to ESD Ratings........................................................................................................................... 4
•
Deleted Storage temperature from ESD Ratings ................................................................................................................... 4
•
Changed Thermal Information to Thermal Considerations and moved to Layout section ................................................... 16
Changes from Original (October 2013) to Revision A
Page
•
Changed Added Handling Rating table, Feature Description section, Device Functional Modes, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section................................................................ 1
•
Added "TA = -40°C to 85°C" to the VFB, Feedback regulation voltage Test Conditions ........................................................ 5
•
Added VFB, Feedback regulation voltage Test Conditions and values for "PWM operation, TA = 85°C"............................... 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com