Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 32 Page - Texas Instruments

Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV755P Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 28Page - Texas Instruments TLV755P Datasheet HTML 29Page - Texas Instruments TLV755P Datasheet HTML 30Page - Texas Instruments TLV755P Datasheet HTML 31Page - Texas Instruments TLV755P Datasheet HTML 32Page - Texas Instruments TLV755P Datasheet HTML 33Page - Texas Instruments TLV755P Datasheet HTML 34Page - Texas Instruments TLV755P Datasheet HTML 35Page - Texas Instruments TLV755P Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Nov-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV75510PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
TLV75510PDQNT
X2SON
DQN
4
250
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75510PDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV75510PDRVRG4
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV75511PDQNR
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75512PDBVR
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75512PDBVRG4
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75512PDQNR
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75512PDQNRM3
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75512PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
TLV75512PDQNT
X2SON
DQN
4
250
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75512PDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV75512PDYDR
SOT-23
DYD
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75515PDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75515PDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75515PDQNR
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75515PDQNT
X2SON
DQN
4
250
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75515PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75515PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
TLV75515PDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV755185PDQNR
X2SON
DQN
4
3000
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV755185PDQNRM3
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75518PDBVR
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75518PDQNR
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75518PDQNRG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75518PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75518PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
TLV75518PDQNT
X2SON
DQN
4
250
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75518PDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV75518PDYDR
SOT-23
DYD
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75519PDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75519PDBVR
SOT-23
DBV
5
3000
180.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75519PDQNR
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75519PDQNRG4
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75519PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75519PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
TLV75519PDQNT
X2SON
DQN
4
250
180.0
9.5
1.16
1.16
0.5
4.0
8.0
Q2
TLV75519PDRVR
WSON
DRV
6
3000
180.0
8.4
2.3
2.3
1.15
4.0
8.0
Q2
TLV75525PDBVR
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TLV75525PDQNR
X2SON
DQN
4
3000
180.0
8.4
1.16
1.16
0.5
4.0
8.0
Q2
TLV75525PDQNT
X2SON
DQN
4
250
180.0
8.4
1.16
1.16
0.63
4.0
8.0
Q2
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com