Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV755P Datasheet(HTML) 5 Page - Texas Instruments

  TLV755P Datasheet HTML 1Page - Texas Instruments TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5.4 Thermal Information
PCB
THERMAL METRIC(1) (2)
TLV755
UNIT
DYD
(SOT-23-5)
DQN
(X2SON)
DBV
(SOT-23-5)
DRV
(WSON)
5 PINS
4 PINS
5 PINS
6 PINS
EVM
RθJA
Junction-to-ambient thermal resistance
60.3
N/A
100.8
N/A
°C/W
ψJT
Junction-to-top characterization parameter
14.2
N/A
23.3
N/A
ψJB
Junction-to-board characterization parameter
35.9
N/A
67.8
N/A
JEDEC
RθJA
Junction-to-ambient thermal resistance
92.5
168.4
231.1
100.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
119.8
139.1
118.4
108.5
RθJB
Junction-to-board thermal resistance
45.8
101.4
64.4
64.3
ψJT
Junction-to-top characterization parameter
16.7
5.6
28.4
10.4
ψJB
Junction-to-board characterization parameter
44.9
101.7
63.8
64.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
34.3
88.4
N/A
34.7
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
(2)
JEDEC thermal metrics apply to JEDEC standard PCB (2s2p, no vias to internal plane and bottom layer). EVM metrics apply to the
LP087A EVM with an exposed pad SOT-23-5 (DYD) layout.
5.5 Electrical Characteristics
at operating temperature range (TJ =–40°C to 125°C), VIN=VOUT(NOM) + 0.5V or 2.0V (whichever is greater), IOUT = 1mA, VEN
= VIN, and CIN = COUT = 1μF (unless otherwise noted); all typical values at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.45
5.5
V
VOUT
Output voltage
0.6
5.0
V
Output accuracy
−40°C ≤ TJ ≤ +85°C, DBV and DRV package
−1
1
%
VOUT ≥ 1.0V, DQN package
−1.2
1.2
%
−40°C ≤ TJ ≤ +85°C; 0.6V ≤ VOUT < 1.0V
−10
10
mV
VOUT ≥ 1V
−1.5
1.5
%
0.6V ≤ VOUT < 1V
-15
15
mV
(ΔVOUT)ΔVIN
Line regulation
VOUT + 0.5V ≤ VIN ≤ 5.5V, VOUT > 1.5V
2
mV
ΔVOUT/ΔIOUT
Load regulation
0.1mA ≤ IOUT
≤ 500mA
DQN package
0.036
V/A
DBV and DYD packages
0.060
DRV package
0.044
IGND
Ground current
TJ = 25°C, IOUT = 0mA
14
25
31
µA
−40°C ≤ TJ ≤ +85°C, IOUT = 0mA
33
−40°C ≤ TJ ≤ +125°C, IOUT = 0mA
40
ISHDN
Shutdown current
VEN ≤ 0.4V, 1.4V ≤ VIN ≤ 5.5V, −40°C ≤ TJ ≤ +125°C
0.1
1
µA
ICL
Output current limit
VIN = VOUT+
VDO(MAX) +
0.25V
VOUT = VOUT - 0.2V, VOUT ≤ 1.5V
560
720
865
mA
VOUT = 0.9 x VOUT, 1.5V < VOUT ≤ 4.5V
560
720
865
ISC
Short-circuit current limit
VOUT = 0V
355
mA
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com