Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet(PDF) 12 Page - Texas Instruments

Part # TLV840
Description  TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV840 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV840 Datasheet HTML 8Page - Texas Instruments TLV840 Datasheet HTML 9Page - Texas Instruments TLV840 Datasheet HTML 10Page - Texas Instruments TLV840 Datasheet HTML 11Page - Texas Instruments TLV840 Datasheet HTML 12Page - Texas Instruments TLV840 Datasheet HTML 13Page - Texas Instruments TLV840 Datasheet HTML 14Page - Texas Instruments TLV840 Datasheet HTML 15Page - Texas Instruments TLV840 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
8.3.2 User-Programmable Reset Time Delay
The reset time delay can be set to a minimum value of 80 µs by leaving the CT pin floating, or a maximum value
of approximately 6.2 seconds by connecting 10 µF delay capacitor. The reset time delay (tD) can be
programmed by connecting a capacitor no larger than 10 µF between CT pin and GND.
The relationship between external capacitor (CCT) in µF at CT pin and the time delay (tD) in seconds is given by
Equation 2.
tD = -ln (0.29) x RCT x CCT + tD (CT pin = Open)
(2)
Equation 2 is simplified to Equation 3 by plugging RCT and tD (CT pin = Open) given in Section 7.5 section:
tD = 618937 x CCT + 80µs
(3)
Equation 4 solves for external capacitor value (CCT) in units of µF where tD is in units of seconds
CCT = (tD- 80µs) ÷ 618937
(4)
The recommended maximum delay capacitor for the TLV840 is limited to 10 µF as this ensures there is enough
time for the capacitor to fully discharge when the reset condition occurs. When a voltage fault occurs, the
previously charged up capacitor discharges, and if the monitored voltage returns from the fault condition before
the delay capacitor discharges completely, the reset delay will be shorter than expected because the delay
capacitor will begin charging from a voltage above zero. Larger delay capacitors can be used so long as the
capacitor has enough time to fully discharge during the duration of the voltage fault. The amount of time required
to discharge the delay capacitor relative to the reset delay increases as VDD overdrive increases as shown in
Figure 8-3.
VDD Fault Underoltage (V)
0.6
0.8
1
1.2
1.4
1.6
1.8
2
5
10
15
20
25
30
35
40
45
50
55
CTR_
25°C
Figure 8-3. CCT Discharge Time During Fault Condition (VIT- = 2.1 V, CCT = 1 µF)
TLV840
SNVSBC3C – DECEMBER 2019 – REVISED SEPTEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com