Electronic Components Datasheet Search
  English  ▼

X  

TLV840 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV840
Description  TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV840 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV840 Datasheet HTML 9Page - Texas Instruments TLV840 Datasheet HTML 10Page - Texas Instruments TLV840 Datasheet HTML 11Page - Texas Instruments TLV840 Datasheet HTML 12Page - Texas Instruments TLV840 Datasheet HTML 13Page - Texas Instruments TLV840 Datasheet HTML 14Page - Texas Instruments TLV840 Datasheet HTML 15Page - Texas Instruments TLV840 Datasheet HTML 16Page - Texas Instruments TLV840 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
8.3.3 Manual Reset (MR) Input for TLV840M Only
The manual reset (MR) input allows a processor GPIO or other logic circuits to initiate a reset. A logic low on MR
with pulse duration longer than t MR_PW will cause the reset output to assert. After MRreturns to a logic high
(V MR_H) and VDD is above VIT+, reset is deasserted after the user programmed reset time delay (tD) expires.
The minimum duration for which MRis held under V MR_L must be at least 1% of t MR_tD. Otherwise, the effective
reset delay will be shorter roughly by the difference between 1% of t MR_tD and the actual MR pulse width. For
large capacitor based delays this difference could be noticeable unless care is taken to lengthen the MR pulse
width.
MR is internally connected to VDD through a pull-up resistor R MR shown in Section 8.2. If the logic signal
controlling MR is less than VDD, then additional current flows from VDD into MR internally. For minimum current
consumption, drive MRto either VDD or GND. V MR should not be higher than VDD voltage.
VIT+
tP_HL
VHYS
VIT-
tD
VIT+
VHYS
VIT-
tMR_tD
VMR_L
Time
tMR_RES
tMR_PW
(1)
MR
VDD
RESET
VMR_H
(2)
(1) MR pulse width too small to assert RESET
(2) MR voltage not low enough to assert RESET
Figure 8-4. Timing Diagram MR and RESET (TLV840M)
www.ti.com
TLV840
SNVSBC3C – DECEMBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com