Electronic Components Datasheet Search
  English  ▼

X  

TLV9152IDDFR Datasheet(PDF) 29 Page - Texas Instruments

Part # TLV9152IDDFR
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9152IDDFR Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLV9152IDDFR Datasheet HTML 25Page - Texas Instruments TLV9152IDDFR Datasheet HTML 26Page - Texas Instruments TLV9152IDDFR Datasheet HTML 27Page - Texas Instruments TLV9152IDDFR Datasheet HTML 28Page - Texas Instruments TLV9152IDDFR Datasheet HTML 29Page - Texas Instruments TLV9152IDDFR Datasheet HTML 30Page - Texas Instruments TLV9152IDDFR Datasheet HTML 31Page - Texas Instruments TLV9152IDDFR Datasheet HTML 32Page - Texas Instruments TLV9152IDDFR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 85 page
background image
–125 µV to 125 µV. At 4 σ (±500 µV), 99.9937% of the distribution has an offset voltage less than ±500 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the TLV915x family has a maximum offset voltage of 675
µV at 25°C, and even though this corresponds to about 5 σ (≈1 in 1.7 million units), which is extremely unlikely,
TI assures that any unit with larger offset than 675 µV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the
6-σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be
an option as a wide guardband to design a system around. In this case, the TLV915x family does not have a
maximum or minimum for offset voltage drift, but based on Figure 6-2 and the typical value of 0.3 µV/°C in the
Electrical Characteristics table, it can be calculated that the 6 σ value for offset voltage drift is about 1.8 µV/°C.
When designing for worst-case system conditions, this value can be used to estimate the worst possible offset
across temperature without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.3.9 Packages With an Exposed Thermal Pad
The TLV915x family is available in the WSON-8 (DSG) package which features an exposed thermal pad. Inside
the package, the die is attached to this thermal pad using an electrically conductive compound. For this reason,
when using a package with an exposed thermal pad, the thermal pad must either be connected to V– or left
floating. Attaching the thermal pad to a potential other than V– is not allowed, and performance of the device is
not assured when doing so.
7.3.10 Shutdown
The TLV915xS devices feature one or more shutdown pins (SHDN) that disable the op amp, placing it into a
low-power standby mode. In this mode, the op amp typically consumes about 30 µA. The SHDN pins are active
high, meaning that shutdown mode is enabled when the input to the SHDN pin is a valid logic high. The amplifier
is enabled when the input to the SHDN pin is a valid logic low.
The SHDN pins are referenced to the negative supply rail of the op amp. The threshold of the shutdown feature
lies around 800 mV (typical) and does not change with respect to the supply voltage. Hysteresis has been
included in the switching threshold to ensure smooth switching characteristics. To ensure optimal shutdown
behavior, the SHDN pins should be driven with valid logic signals. A valid logic low is defined as a voltage
between V– and V– + 0.2 V. A valid logic high is defined as a voltage between V– + 1.1 V and V+. The shutdown
pin circuitry includes a pull-down resistor, which will inherently pull the voltage of the pin to the negative supply
rail if not driven. Thus, to enable the amplifier, the SHDN pins should either be left floating or driven to a valid
logic low. To disable the amplifier, the SHDN pins must be driven to a valid logic high. The maximum voltage
allowed at the SHDN pins is V+.
The SHDN pins are high-impedance CMOS inputs. Channels of single and dual op amp packages are
independently controlled, and channels of quad op amp packages are controlled in pairs. For battery-operated
applications, this feature may be used to greatly reduce the average current and extend battery life. The
typical enable time out of shutdown is 8 µs; disable time is 3 µs. When disabled, the output assumes a
high-impedance state. This architecture allows the TLV915xS family to operate as a gated amplifier, multiplexer,
or programmable-gain amplifier. Shutdown time (tOFF) depends on loading conditions and increases as load
resistance increases. To ensure shutdown (disable) within a specific shutdown time, the specified 10-kΩ load
to midsupply (VS / 2) is required. If using the TLV915xS without a load, the resulting turnoff time significantly
increases.
www.ti.com
TLV9151, TLV9152, TLV9154
SBOS986E – OCTOBER 2019 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TLV9151 TLV9152 TLV9154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com