Electronic Components Datasheet Search
  English  ▼

X  

TLV9152IDDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV9152IDDFR
Description  TLV915x 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Op Amp
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV9152IDDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9152IDDFR Datasheet HTML 9Page - Texas Instruments TLV9152IDDFR Datasheet HTML 10Page - Texas Instruments TLV9152IDDFR Datasheet HTML 11Page - Texas Instruments TLV9152IDDFR Datasheet HTML 12Page - Texas Instruments TLV9152IDDFR Datasheet HTML 13Page - Texas Instruments TLV9152IDDFR Datasheet HTML 14Page - Texas Instruments TLV9152IDDFR Datasheet HTML 15Page - Texas Instruments TLV9152IDDFR Datasheet HTML 16Page - Texas Instruments TLV9152IDDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
6.7 Electrical Characteristics (continued)
For VS = (V+) – (V–) = 2.7 V to 16 V (±1.35 V to ±8 V) at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT
= VS / 2, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SHUTDOWN
IQSD
Quiescent current per
amplifier
VS = 2.7 V to 16 V, all amplifiers disabled, SHDN = V– + 2 V
30
45
µA
ZSHDN
Output impedance during
shutdown
VS = 2.7 V to 16 V, amplifier disabled
10 || 2
GΩ || pF
VIH
Logic high threshold
voltage (amplifier
disabled)
For valid input high, the SHDN pin voltage should be greater than
the maximum threshold but less than or equal to V+
(V–) + 0.8 (V–) + 1.1
V
VIL
Logic low threshold
voltage (amplifier
enabled)
For valid input low, the SHDN pin voltage should be less than the
minimum threshold but greater than or equal to V–
(V–) + 0.2 (V–) + 0.8
V
tON
Amplifier enable time (1)
G = +1, VCM = V-, VO = 0.1 × VS/2
8
µs
tOFF
Amplifier disable time (1)
VCM = V-, VO = VS/2
3
µs
SHDN pin input bias
current (per pin)
VS = 2.7 V to 16 V, (V+) ≥ SHDN ≥ (V–) + 0.9 V
500
nA
VS = 2.7 V to 16 V, (V–) ≤ SHDN ≤ (V–) + 0.7 V
150
(1)
Disable time (tOFF) and enable time (tON) are defined as the time interval between the 50% point of the signal applied to the SHDN pin
and the point at which the output voltage reaches the 10% (disable) or 90% (enable) level.
(2)
Specified by characterization only.
www.ti.com
TLV9151, TLV9152, TLV9154
SBOS986E – OCTOBER 2019 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9151 TLV9152 TLV9154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com