Electronic Components Datasheet Search
  English  ▼

X  

1949335 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1949335
Description  MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1949335 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1949335 Datasheet HTML 1Page - PHOENIX CONTACT 1949335 Datasheet HTML 2Page - PHOENIX CONTACT 1949335 Datasheet HTML 3Page - PHOENIX CONTACT 1949335 Datasheet HTML 4Page - PHOENIX CONTACT 1949335 Datasheet HTML 5Page - PHOENIX CONTACT 1949335 Datasheet HTML 6Page - PHOENIX CONTACT 1949335 Datasheet HTML 7Page - PHOENIX CONTACT 1949335 Datasheet HTML 8Page - PHOENIX CONTACT 1949335 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 10,
number of rows: 1, number of positions: 10, number of connections: 10, product range: MC 1,5/..
-ST, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, conductor/PCB connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking:
without, mounting method: without, type of packaging: packed in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Commercial data
Item number
1949335
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
AABAAA
GTIN
4017918886622
Weight per piece (including packing)
7.154 g
Weight per piece (excluding packing)
6.795 g
Customs tariff number
85366990
Country of origin
DE
MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector
1949335
https://www.phoenixcontact.com/pc/products/1949335
Nov 11, 2025, 1:22AM
Page 1 (13)


Similar Part No. - 1949335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1949306 PHOENIX-1949306 Datasheet
79Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-G-3,5 BK
1949319 PHOENIX-1949319 Datasheet
846Kb / 13P
MC 1,5/ 2-ST-3,5 BK BD:1,2 - PCB connector
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1949351 PHOENIX-1949351 Datasheet
309Kb / 10P
MC 1,5/ 3-ST-5,08 BK BD:1-3 - PCB connector
logo
Festo Corporation.
194936 FESTO-194936 Datasheet
85Kb / 1P
Air preparation unit
8/11/22
More results

Similar Description - 1949335

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840447 PHOENIX-1840447 Datasheet
140Kb / 5P
MC 1,5/10-ST-3,5
1705770 PHOENIX-1705770 Datasheet
70Kb / 3P
MC 1,5/ 6-ST-3,5 BK BDWH:1-6
1860346 PHOENIX-1860346 Datasheet
58Kb / 4P
Printed-circuit board connector - MC 1,5/10-ST-3,81 BD:1-10
1918939 PHOENIX-1918939 Datasheet
60Kb / 5P
Printed-circuit board connector - MC 1,5/10-ST-3,5 BD:1-10
1943250 PHOENIX-1943250 Datasheet
60Kb / 5P
Printed-circuit board connector - MC 1,5/ 6-ST-3,5 BD:1-6
1949322 PHOENIX-1949322 Datasheet
84Kb / 4P
Printed-circuit board connector - MC 1,5/ 7-ST-3,5 BK BD:1-7
1713677 PHOENIX-1713677 Datasheet
98Kb / 3P
PCB terminal block - PTSA 1,5/10-3,5-F GY BD:1-10
11/04/2018
1840418 PHOENIX-1840418 Datasheet
874Kb / 15P
PCB connector - MC 1,5/ 7-ST-3,5
Jul 20, 2022
1840489 PHOENIX-1840489 Datasheet
881Kb / 16P
PCB connector - MC 1,5/14-ST-3,5
Jan 3, 2023
1464114 PHOENIX-1464114 Datasheet
718Kb / 18P
XPC 1,5/10-ST-3,5 BK - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com