Electronic Components Datasheet Search
  English  ▼

X  

1949335 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1949335
Description  MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1949335 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1949335 Datasheet HTML 1Page - PHOENIX CONTACT 1949335 Datasheet HTML 2Page - PHOENIX CONTACT 1949335 Datasheet HTML 3Page - PHOENIX CONTACT 1949335 Datasheet HTML 4Page - PHOENIX CONTACT 1949335 Datasheet HTML 5Page - PHOENIX CONTACT 1949335 Datasheet HTML 6Page - PHOENIX CONTACT 1949335 Datasheet HTML 7Page - PHOENIX CONTACT 1949335 Datasheet HTML 8Page - PHOENIX CONTACT 1949335 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Technical data
Product properties
Product type
PCB connector
Product family
MC 1,5/..-ST
Product line
COMBICON Connectors S
Number of positions
10
Pitch
3.5 mm
Number of connections
10
Number of rows
1
Number of potentials
10
Mounting type
without
Electrical properties
Properties
Nominal current IN
8 A
Nominal voltage UN
160 V
Contact resistance
1.3 mΩ
Rated voltage (III/3)
160 V
Rated surge voltage (III/3)
2.5 kV
Rated voltage (III/2)
160 V
Rated surge voltage (III/2)
2.5 kV
Rated voltage (II/2)
320 V
Rated surge voltage (II/2)
2.5 kV
Connection data
Connection technology
Type
Standard
Connector system
COMBICON MC 1,5
Nominal cross section
1.5 mm²
Contact connection type
Socket
Interlock
Locking type
without
Mounting type
without
Conductor connection
Connection method
Screw connection with tension sleeve
Conductor/PCB connection direction
0 °
Conductor cross-section rigid
0.08 mm² ... 1.5 mm²
Conductor cross-section flexible
0.08 mm² ... 1.5 mm²
Conductor cross-section AWG
28 ... 16
Conductor cross-section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 1.5 mm²
MC 1,5/10-ST-3,5 BK BD:1-10 - PCB connector
1949335
https://www.phoenixcontact.com/pc/products/1949335
Nov 11, 2025, 1:22AM
Page 2 (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com