Electronic Components Datasheet Search
  English  ▼

X  

SAMPLEBOX12 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # SAMPLEBOX12
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

SAMPLEBOX12 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  SAMPLEBOX12 Datasheet HTML 1Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 2Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 3Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 4Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 5Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 6Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 7Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 8Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2004 Sep 01
2
Ferroxcube
EMI-suppression products
MULTILAYER SUPPRESSORS
Multilayer suppressors are a powerful solution for EMI/RFI
attenuation for electronic equipment. Supplied in seven
standard sizes (0402, 0603, 0805, 1206, 1210, 1806 and
1812), they have impedances between 6 and 2 000
Ω at
100 MHz.
When installed in series with signal and/or power circuits,
high frequency noise is suppressed. There is no need for
ground termination, which makes these devices very
suitable for circuits with difficult ground. Typical
suppression frequencies range from 10 MHz to 1 000 MHz
and rated currents are between 0.1 and 6 A.
Multilayer suppressors are specially designed to reduce
noise in low impedance circuits while keeping the signal
free from distortion. This is because at the interfering
frequencies these components behave as a resistor. The
high frequency noise is converted into heat rather than
reflected to the source. This dissipation prevents ringing
and parasitic oscillations.
These characteristics can be used for many different
purposes:
• Absorption of generated noise.
• Filtering and wave-shape correction of digital signals
from high speed clock oscillators.
• Prevention of high frequency interference entering
circuit electronics.
Features
• Monolithic structure for closed magnetic path and
highreliability
• Standard EIA and EIAJ sizes:
0402, 0603, 0805, 1206, 1210, 1806 and 1812
• High impedance per volume which leads to effective
high density circuits
• Suitable for wave and reflow soldering
• Plating material lead-free
• Wide range of impedance values
• Superior physical properties
• Available in standard EIA and EIAJ tape-and-reel
• Operating temperature -40°C to +125°C
• 100% sorting out on impedance
Main applications areas for multilayer suppressors
are:
• computer and peripheral equipment: mother board,
notebook, CD-Rom, DVD-Rom, CD-RW, scanner, hard
disc, VGA card, sound card, LCD monitor, printer, PC
server thumb drive, PCMCIA card, graphic card, etc.
• network: LAN card, hub, switcher, router set top box,
etc.
• telecom: cell phone, ADSL, wired modem, cable
modem, ISDN, GPS satellite receiver, etc.
• consumer: walkman, walkdisc, digital still camera
(DSC), sound system, HDTV, projector, DVD player,
VCD player, tuner for TV, cable modem, etc.
To help designers in the trial and error process of finding
the most suitable suppression component, we offer a
sample box with a selection of products.
Ordering code: SAMPLEBOX12
Multilayer suppressors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com