Electronic Components Datasheet Search
  English  ▼

X  

SAMPLEBOX12 Datasheet(PDF) 5 Page - Ferroxcube International Holding B.V.

Part # SAMPLEBOX12
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

SAMPLEBOX12 Datasheet(HTML) 5 Page - Ferroxcube International Holding B.V.

  SAMPLEBOX12 Datasheet HTML 1Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 2Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 3Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 4Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 5Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 6Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 7Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 8Page - Ferroxcube International Holding B.V. SAMPLEBOX12 Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2004 Sep 01
5
Ferroxcube
EMI-suppression products
Multilayer suppressors
Product specifications Multilayer Suppressors MLS
SIZE
|Ztyp| at 100 MHz
(
Ω)
RDC MAX.
(
Ω)
I MAX.
(mA)
TYPE NUMBER
0402
6
± 25%
0.05
500
MLS0402-4S4-060
10
± 25%
0.05
500
MLS0402-4S4-100
40
± 25%
0.3
300
MLS0402-4S4-400
80
± 25%
0.4
200
MLS0402-4S4-800
120
± 25%
0.5
200
MLS0402-4S4-121
240
± 25%
0.5
200
MLS0402-4S4-241
480
± 25%
0.8
100
MLS0402-4S4-481
0603
11
± 25%
0.05
500
MLS0603-4S4-110
19
± 25%
0.08
500
MLS0603-4S4-190
30
± 25%
0.1
400
MLS0603-4S7-300
40
± 25%
0.1
400
MLS0603-4S7-400
60
± 25%
0.1
300
MLS0603-4S7-600
80
± 25%
0.15
300
MLS0603-4S7-800
100
± 25%
0.25
300
MLS0603-4S7-101
120
± 25%
0.25
300
MLS0603-4S7-121
150
± 25%
0.3
200
MLS0603-4S7-151
220
± 25%
0.3
200
MLS0603-4S7-221
300
± 25%
0.4
200
MLS0603-4S7-301
450
± 25%
0.5
200
MLS0603-4S7-451
600
± 25%
0.5
200
MLS0603-4S7-601
750
± 25%
0.7
200
MLS0603-4S7-751
1000
± 25%
0.7
200
MLS0603-4S7-102
1500
± 25%
1
50
MLS0603-4S4-152
0805
7
± 25%
0.1
600
MLS0805-4S4-070
9
± 25%
0.1
600
MLS0805-4S4-090
11
± 25%
0.1
600
MLS0805-4S4-110
17
± 25%
0.1
600
MLS0805-4S4-170
30
± 25%
0.1
600
MLS0805-4S4-300
60
± 25%
0.15
500
MLS0805-4S4-600
70
± 25%
0.15
500
MLS0805-4S7-700
80
± 25%
0.15
500
MLS0805-4S7-800
120
± 25%
0.25
300
MLS0805-4S7-121
150
± 25%
0.25
300
MLS0805-4S7-151
220
± 25%
0.3
300
MLS0805-4S7-221
300
± 25%
0.3
300
MLS0805-4S7-301
400
± 25%
0.3
300
MLS0805-4S7-401
500
± 25%
0.4
300
MLS0805-4S7-501
600
± 25%
0.4
300
MLS0805-4S7-601
750
± 25%
0.5
200
MLS0805-4S4-751



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com