Electronic Components Datasheet Search
  English  ▼

X  

RS232 Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # RS232
Description  1-Port RS232 Serial Adapter Card with 16950 UART
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RS232 Datasheet(HTML) 4 Page - StarTech.com Ltd.

  RS232 Datasheet HTML 1Page - StarTech.com Ltd. RS232 Datasheet HTML 2Page - StarTech.com Ltd. RS232 Datasheet HTML 3Page - StarTech.com Ltd. RS232 Datasheet HTML 4Page - StarTech.com Ltd. RS232 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
Lifetime
Hardware
Bus Type
PCI Express
Card Type
Low Profile (SP bracket incl.)
Chipset ID
Asix AX99100
Interface
Serial
Port Style
Integrated on Card
Ports
1
Performance
Data Bits
5, 6, 7, 8, 9
FIFO
256 Bytes
Flow Control
None, Xon/Xoff, RTS/CTS
Max Baud Rate
921.6 Kbps
Parity
None, Odd, Even, Space, Mark
Serial Protocol
RS-232
Stop Bits
1, 1.5, 2
Connector(s)
Connector Type(s)
1 - PCI Express x1 Male
External Ports
1 - DB-9 (9 pin, D-Sub) Male
Internal Ports
1 - LP4 (4 pin; Large Drive Power) Male Input
Software
Microsoft WHQL Certified
Yes
OS Compatibility
Windows® 7, 8, 8.1, 10
Windows Server® 2003, 2008 R2, 2012, 2012 R2, 2016
Linux 2.4.x to 2.6.x LTS Versions only
Special Notes /
Requirements
Note
Selectable power output on pin 9 of the serial port
Environmental
Humidity
20~80% RH
Operating Temperature
0°C to 70°C (32°F to 158°F)
Storage Temperature
-20°C to 80°C (-4°F to 176°F)
Physical
Characteristics
Product Height
5.9 in [15 cm]
Product Length
3.9 in [98 mm]
Product Width
2.6 in [67 mm]
Weight of Product
1.6 oz [44 g]
Packaging
Information
Package Height
1.2 in [30 mm]
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com