Electronic Components Datasheet Search
  English  ▼

X  

RS232 Datasheet(PDF) 5 Page - StarTech.com Ltd.

Part # RS232
Description  1-Port RS232 Serial Adapter Card with 16950 UART
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

RS232 Datasheet(HTML) 5 Page - StarTech.com Ltd.

  RS232 Datasheet HTML 1Page - StarTech.com Ltd. RS232 Datasheet HTML 2Page - StarTech.com Ltd. RS232 Datasheet HTML 3Page - StarTech.com Ltd. RS232 Datasheet HTML 4Page - StarTech.com Ltd. RS232 Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Package Length
6.7 in [17 cm]
Package Width
5.6 in [14.2 cm]
Shipping (Package) Weight
4 oz [112 g]
What's in the Box
Included in Package
1 - PCIe Serial Card
1 - Full-Profile Bracket
1 - User Manual
Product appearance and specifications are subject to change without notice.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com