Electronic Components Datasheet Search
  English  ▼

X  

IM40GR Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # IM40GR
Description  AXICOM IM RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

IM40GR Datasheet(HTML) 4 Page - TE Connectivity Ltd

  IM40GR Datasheet HTML 1Page - TE Connectivity Ltd IM40GR Datasheet HTML 2Page - TE Connectivity Ltd IM40GR Datasheet HTML 3Page - TE Connectivity Ltd IM40GR Datasheet HTML 4Page - TE Connectivity Ltd IM40GR Datasheet HTML 5Page - TE Connectivity Ltd IM40GR Datasheet HTML 6Page - TE Connectivity Ltd IM40GR Datasheet HTML 7Page - TE Connectivity Ltd IM40GR Datasheet HTML 8Page - TE Connectivity Ltd IM40GR Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INSULATION DATA
Performance type
Standard
(Standard,
sensitive, ultra
high sensitive
version)
C2)
(High
dielectric
version)
D, P, I
(High
current,
high contact
stability
version)
Initial dielectric strength
between open
contacts
750Vrms
1500Vrms
750Vrms
between contact
and coil
1800Vrms
1800Vrms
1500Vrms
between adjacent
contacts
1000Vrms
1800Vrms
750Vrms
Initial surge withstand voltage
between open
contacts
1500V
2500V
1000V
between contact
and coil
2500V
2500V
2000V
between adjacent
contacts
1500V
2500V
1000V
Initial insulation resistance
between insulated
elements
>10⁹Ω
>10⁹Ω
>10⁹Ω
Capacitance
between open
contacts
max. 1pF
between contact
and coil
max. 2pF
between adjacent
contacts
max. 2pF
2) this relay contains SF6 (Sulfur hexafluoride, CAS number: 2551-62-4) for dielectric
strength enhancement, SF6 is hermetically sealed in relay without leaks to air during
normal application as recommended per the applicable product specification. It is cla-
rified that the usage of SF6 in mini signal relay is not prohibited by related regulations.
Please contact TE local sales or field engineer for further information and detailed
material declaration. To ensure the dielectric performance after soldering processes /
assembly customer is advised to perform a dielectric test.
RF DATA
Isolation at 100MHz/900MHz
37.0dB/18.8dB
Insertion loss at 100MHz/900MHz
0.03dB/0.33dB
Voltage standing wave ratio
(VSWR) at 100MHz/900MHz
1.06/1.49
OTHER DATA
Material compliance
EU RoHS/ELV, China RoHS,
REACH, Halogen content refer
to the Product Compliance
Support Center at www.
te.com/customersupport/
rohssupportcenter
Ambient temperature
-40°C to +85°C
Thermal resistance
<150K/W
Category of
environmental
protection
IEC 61810
RT V - hermetically sealed
Vibration resistance
(functional)
20g, 10 to 500Hz
Shock resistance
(functional), half
sinus 11ms
50g
Shock resistance
(destructive), half
sinus 0.5ms
500g
Mounting position
various
Weight
max. 0.75g
Resistance to
soldering heat SMT
IEC 60068-2-58
Moisture sensitive level, JEDEC
J-STD-020F MSL3 related only
to SMT relays packed in orginal
dry-packs. Calculated shelf life in
sealed bag: 36 months at <400C
and <90% relative humidity (RH).
Floor life (out of the bag) at
assembly site is 168 Hours at ≤
300C/60% RH.
Ultrasonic cleaning
not recommended
Packaging/unit
THT version
tube/50pcs., box/1000 pcs.
SMT version
reel/1000 pcs., box/1000
or 5000 pcs.
Avoid using the relays under strong magnetic fields, as
electrical parameters will be affected, such as operate/set
voltage and release/reset voltage.
MONOSTABLE VERSION
REST CONDITION
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊresetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊresetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
BISTABLE VERSION, 1 COIL
RESET CONDITION
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 28
AXICOMÊSignalÊRelays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Dimensions
Dimensions in mm
THT Version
Mounting Hole Layout
View onto the component side of the PCB (top view)
Non-Latching Type
not energized condition
Latching Type, 1 Coil
reset condition
IMÊTHT
Standard
IMÊTHT
Narrow
IMÊSMT
GullÊWings
IMÊSMT
J-Legs
mm
inch
mm
inch
mm
inch
mm
inch
L
W
H
10.00ʱÊ0.08
6.00ʱÊ0.08
5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
5.70ʱÊ0.30
5.80ʱÊ0.08
0.393ʱÊ0.003
0.224ʱÊ0.012
0.230ʱÊ0.003
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.20
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
10.00ʱÊ0.08
ÊÊ6.00ʱÊ0.08
ÊÊ5.65ÊÐÊ0.02
0.393ʱÊ0.003
0.236ʱÊ0.003
0.222ÊÐÊ0.008
SMT Version
Standard Version
Narrow Version
Solder Pad Layout
View onto the component side of the PCB (top view)
Gull Wings
J-Legs
Standard Version
Narrow Version
Gull Wings
¯Êmin.Ê0.75
¯Êmin.Ê0.75
Terminal Assignment
Relay – top view
ContactsÊ inÊresetÊ position.Ê ContactÊ
positionÊ mightÊ changeÊ duringÊ trans-
portationÊ andÊ mustÊ beÊresetÊ beforeÊ
use.
Coplanarity ≤ 0.1mm
Coplanarity ≤ 0.1mm
T
T1
T2
D1
D2
Tw
S
3.2
N/A
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.40
0.75
0.125
N/A
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.029
3.2
N/A
3.20ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
0.30ʱÊ0.05
0.125
N/A
0.126ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
0.011ʱÊ0.002
N/A
7.50ʱÊ0.30
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.295ʱÊ0.011
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
N/A
2.80ʱÊ0.20
5.08ʱÊ0.10
3.20ʱÊ0.15
2.20ʱÊ0.15
0.4
N/A
N/A
0.110ʱÊ0.007
0.200ʱÊ0.004
0.126ʱÊ0.006
0.087ʱÊ0.006
0.015
N/A
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
5.7±0.3
3.2±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
10.0±0.08
6.0±0.08
5.08±0.1
0.4
7.5±0.3
Coplanarity ≤0.1mm
2.8±0.2
Coplanarity ≤0.1mm
Contacts are shown in reset condition.
Contact position might change during
transportation and must be reset before
use.
4
INDUSTRIAL /
AXICOM IM RELAY
AXICOM IM RELAY
SIGNAL RELAYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com